Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPLR2500M80 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPLR2500M80
Description  FIBER OPTIC Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR2500M80 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPLR2500M80 Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR2500M80 Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR2500M80 Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR2500M80 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPROVAL SHEET
DATE: 02/22/2010
NO.60F11002 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR2500M5X/6X/7X/8X SHEET 1 OF 4
2
FIBER OPTIC Receiver Module
Features
TTL interface compatible.
25Mbps data rate(NRZ Signal).
Directly connectable to demodulation IC.
Supply voltage 3.3V/ 5V equipment.
Applications
Audio equipment .
Sound card.
DVD,CD,MD player .
Set top box.
Automobile.
PC,Notebook.
Outline Dimensions
(Unit:mm)
12
3
Device Name
Pin Length L(mm)
KPLR2500M50
14.0±0.5(Max)
KPLR2500M60
8.6±0.2
KPLR2500M61
8.0±0.2
KPLR2500M70
6.5±0.2
KPLR2500M80
3.0±0.2
1. 無指定尺寸公差部分: ±0.2mm
Note1. General dimensions tolerance: ±0.2mm
2. 無指定角度公差部分: ±3°
Note2. General angle tolerace: ±3°
3. 無指定Corner R: Max 0.4mm
Note3. General corner: Max 0.4mm
Pin Connection
1. Vcc
2.GND
3. Vout
Device Selection Table


Similar Part No. - KPLR2500M80

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M30 COSMO-KPLR2500M30 Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M40 COSMO-KPLR2500M40 Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
More results

Similar Description - KPLR2500M80

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M4X COSMO-KPLR1320M4X Datasheet
164Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com