Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPLR2500M30 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPLR2500M30
Description  FIBER OPTIC Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR2500M30 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPLR2500M30 Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR2500M30 Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR2500M30 Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR2500M30 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APPROVAL SHEET
DATE: 03/04/2011
NO.60F11005 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR2500M30
SHEET 3 OF 4
1
4. Measuring method
(1).Measuring Supply Current
Input test Conditions
Measuring method
Supply Voltage
Vcc=3.0V
Fiber coupling light output
Pc=-14.5dBm
Standard transmitter input signal
25Mbps NRZ
DC Average current
25Mbps NRZ
5V
Input
Standard Transmitter
0.1uF
GND
Vin
Vcc
Standard optical fiber cable
Receiver
to be measured
0.1uF
GND
Vcc
Current Meter
Icc
Vcc
Vout
(2).Measuring method of Output Voltage and Pulse response
25Mbps NRZ signal
Oscilloscope
Input
5V
0.1uF
Vin
GND
Vcc
Output signal
Less than 7mm
CH1 CH2
Vcc
0.1uF
Vcc
GND Vout
Standard Transmitter
Standard optical fiber cable
Receiver
50%
50%
PHL
PLH
Output signal (CH2)
Input signal (CH1)
Output signal (CH2)
Input signal (CH1)
VOH
VOL
tf
tr
50%
90%
50%
10%
t
t
tw= t
- t
PHL
PLH


Similar Part No. - KPLR2500M30

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M40 COSMO-KPLR2500M40 Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M50 COSMO-KPLR2500M50 Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
More results

Similar Description - KPLR2500M30

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M4X COSMO-KPLR1320M4X Datasheet
164Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com