Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-561E-A Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-561E-A
Description  0.56 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-561E-A Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-561E-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-561E-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.56
INCH
SINGLE
DIGIT
DISPLAY
C-561E-A G/W
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-07-0001
DATE : 2007-01-09
Page : 8
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Similar Part No. - C-561E-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-561E ETC-C-561E Datasheet
66Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-561E-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-5614S CHINASEMI-CSS-5614S Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614A9 CHINASEMI-CSS-5614A9 Datasheet
182Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614T9 CHINASEMI-CSS-5614T9 Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-514S CHINASEMI-CSS-514S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
CSS-514T9 CHINASEMI-CSS-514T9 Datasheet
190Kb / 6P
   0.56 Inch Single Digit Display
CSS-514B7 CHINASEMI-CSS-514B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
CSS-514V9 CHINASEMI-CSS-514V9 Datasheet
184Kb / 6P
   0.56 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561Y PARALIGHT-A-561Y Datasheet
204Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
OptoSupply Internationa...
OSL10561-IW OPTOSUPPLY-OSL10561-IW Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com