Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-811SR Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-811SR
Description  0.80 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-811SR Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-811SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0.80 INCH
SINGLE
DIGIT
DISPLAY
A-811SR
REV:A / 0
FEATURES
Û
20.10mm (0.80 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
ROHS COMPLIANCE
Raw Material : GaAlAs/GaAs
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
SUPER RED
UNIT
PD
Power Dissipation Per Segment
60
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating
Linear From 25
BC Per Segment
0.4
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN. TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
1.8
2.2
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
660
nm
lD
Dominant Wavelength
IF = 20mA
643
nm
Δl
Spectral Line Half-Width
IF = 20mA
20
nm
IV
Luminous Intensity Per Segment
IF = 10mA
8.4
21.0
mcd
DRAWING NO. : DS-11-09-0042
DATE : 2009-04-02
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Similar Part No. - A-811SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-811SR ETC1-A-811SR Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-811SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-811G PARALIGHT-C-811G Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-816B7 CHINASEMI-CSS-816B7 Datasheet
186Kb / 6P
   0.80 Inch Single Digit Display
CSS-816G CHINASEMI-CSS-816G Datasheet
191Kb / 6P
   0.80 Inch Single Digit Display
CSS-816A9 CHINASEMI-CSS-816A9 Datasheet
189Kb / 6P
   0.80 Inch Single Digit Display
CSS-816V9 CHINASEMI-CSS-816V9 Datasheet
184Kb / 6P
   0.80 Inch Single Digit Display
CSS-816M9 CHINASEMI-CSS-816M9 Datasheet
191Kb / 6P
   0.80 Inch Single Digit Display
CSS-816T9 CHINASEMI-CSS-816T9 Datasheet
189Kb / 6P
   0.80 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-811Y PARALIGHT-A-811Y Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
A-811G-PSN-A PARALIGHT-A-811G-PSN-A Datasheet
199Kb / 10P
   0.80 INCH SINGLE DIGIT DISPLAY
C-811E PARALIGHT-C-811E Datasheet
210Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com