Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A551Y-PSN-A Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A551Y-PSN-A
Description  0.56 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A551Y-PSN-A Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A551Y-PSN-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A551Y-PSN-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.56
INCH
SINGLE
DIGIT
DISPLAY
A551Y-PSN-A G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-11-0325G
DATE : 2011-09-20
Page : 2
LD-R/RD013
Release
by
PARALIGHTDCC


Similar Part No. - A551Y-PSN-A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A551EK471M450F KEMET-A551EK471M450F Datasheet
247Kb / 1P
   PEH536, Aluminum Electrolytic, 470 uF, 20%, 450 VDC, -40/105°C
10/20/2022
logo
MicroPower Direct, LLC
A551RW MPD-A551RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results

Similar Description - A551Y-PSN-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-5614S CHINASEMI-CSS-5614S Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614A9 CHINASEMI-CSS-5614A9 Datasheet
182Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614T9 CHINASEMI-CSS-5614T9 Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-514S CHINASEMI-CSS-514S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
CSS-514T9 CHINASEMI-CSS-514T9 Datasheet
190Kb / 6P
   0.56 Inch Single Digit Display
CSS-514B7 CHINASEMI-CSS-514B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
CSS-514V9 CHINASEMI-CSS-514V9 Datasheet
184Kb / 6P
   0.56 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561Y PARALIGHT-A-561Y Datasheet
204Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
OptoSupply Internationa...
OSL10561-IW OPTOSUPPLY-OSL10561-IW Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com