Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG8888 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # AG8888
Description  CALL WAITING DECODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

AG8888 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

  AG8888 Datasheet HTML 1Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 2Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 3Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 4Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 5Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 6Page - ELAN Microelectronics Corp AG8888 Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
* This specification are subject to be changed without notice.
AG8888
CALL WAITING DECODER
6
8.8.2000
APPLICATION CIRCUIT
TI/RI
AVSS
AVDD
0.1u
Controller
TIP
RING
480KHz
OSCI
OSCO
DO
OE
150p
150p
3300p
0.1u
180k
5.6k
120k
4700p
250V
250V
0.1u
DVDD
DVSS
9
8
5
OPO
180k
Analog Ground
Digital Ground
14
1
7
4
10
13
12
1M
Y1
C1
C2
Y1
C1
C2
KBR-480BKTS
KYOCERA
150p
150p
Note :
VDD
4700p
BO
FI
1M
4700p
2
3
VDD
56k
100p


Similar Part No. - AG8888

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
AG8889AP EMC-AG8889AP Datasheet
65Kb / 7P
   CALL WAITING DECODER
AG8889N EMC-AG8889N Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results

Similar Description - AG8888

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
CML Microcircuits
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
   Call Progress Decoder
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com