Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD488588FF-C80-40-DH1 Datasheet(PDF) 10 Page - Elpida Memory

Part # PD488588FF-C80-40-DH1
Description  288M bits Direct Rambus DRAM for High Performance Solution
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF-C80-40-DH1 Datasheet(HTML) 10 Page - Elpida Memory

Back Button PD488588FF-C80-40-DH1 Datasheet HTML 6Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 7Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 8Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 9Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 10Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 11Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 12Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 13Page - Elpida Memory PD488588FF-C80-40-DH1 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
10
µµµµPD488588FF-C80-40
2. Packet Format
Figure 2-1 shows the formats of the ROWA and ROWR packets on the ROW pins. Table 2-1 describes the fields
which comprise these packets. DR4T and DR4F bits are encoded to contain both the DR4 device address bit and a
framing bit which allows the ROWA or ROWR packet to be recognized by the RDRAM.
The AV (ROWA/ROWR packet selection) bit distinguishes between the two packet types. Both the ROWA and
ROWR packet provide a five bit device address and a four bit bank address. An ROWA packet uses the remaining
bits to specify a nine bit row address, and the ROWR packet uses the remaining bits for an eleven bit opcode field.
Note the use of the “RsvX” notation to reserve bits for future address field extension.
Figure 2-1 also shows the formats of the COLC, COLM, and COLX packets on the COL pins. Table 2-2 describes
the fields which comprise these packets.
The COLC packet uses the S (Start) bit for framing. A COLM or COLX packet is aligned with this COLC packet, and
is also framed by the S bit.
The 23 bit COLC packet has a five bit device address, a four bit bank address, a six bit column address, and a four
bit opcode. The COLC packet specifies a read or write command, as well as some power management commands.
The remaining 17 bits are interpreted as a COLM (M=1) or COLX (M=0) packet. A COLM packet is used for a
COLC write command which needs bytemask control. The COLM packet is associated with the COLC packet from a
time tRTR earlier. An COLX packet may be used to specify an independent precharge command. It contains a five bit
device address, a four bit bank address, and a five bit opcode. The COLX packet may also be used to specify some
housekeeping and power management commands. The COLX packet is framed within a COLC packet but is not
otherwise associated with any other packet.
Table 2-1 Field Description for ROWA Packet and ROWR Packet
Field
Description
DR4T, DR4F
Bits for framing (recognizing) a ROWA or ROWR packet. Also encodes highest device address bit.
DR3..DR0
Device address for ROWA or ROWR packet.
BR4..BR0
Bank address for ROWA or ROWR packet. RsvB denotes bits ignored by the RDRAM.
AV
Selects between ROWA packet (AV=1) and ROWR packet (AV=0).
R8..R0
Row address for ROWA packet. RsvR denotes bits reserved for future row address extension.
ROP10..ROP0
Opcode field for ROWR packet. Specifies precharge, refresh, and power management functions.
Table 2-2 Field Description for COLC Packet, COLM Packet, and COLX Packet
Field
Description
S
Bit for framing (recognizing) a COLC packet, and indirectly for framing COLM and COLX packets.
DC4..DC0
Device address for COLC packet.
BC4..BC0
Bank address for COLC packet. RsvB denotes bits reserved for future extension (controller drivers 0's).
C6..C0
Column address for COLC packet.
COP3..COP0
Opcode field for COLC packet. Specifies read, write, precharge, and power management functions.
M
Selects between COLM packet (M=1) and COLX packet (M=0).
MA7..MA0
Bytemask write control bits. 1=write, 0=no-write. MA0 controls the earliest byte on DQA8..0.
MB7..MB0
Bytemask write control bits. 1=write, 0=no-write. MB0 controls the earliest byte on DQB8..0.
DX4..DX0
Device address for COLX packet.
BX4..BX0
Bank address for COLX packet. RsvB denotes bits reserved for future extension (controller drivers 0's).
XOP4..XOP0
Opcode field for COLX packet. Specifies precharge, IOL control, and power management functions.


Similar Part No. - PD488588FF-C80-40-DH1

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588FF-C80-45-DH1 ELPIDA-PD488588FF-C80-45-DH1 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results

Similar Description - PD488588FF-C80-40-DH1

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
   128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com