Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-191UD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HT-191UD
Description  Label Specifications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191UD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HT-191UD Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
7/25
Lot No.:
1
2
3
4
5
6
7
8
9
10
P 1 2 2 3 0 A - DT
Luminous Intensity (Iv) Bin:
Bin
Luminous Intensity Range (mcd)
Bin
Luminous Intensity Range (mcd)
Minimum
Maximum
Minimum
Maximum
H1
2.8
3.6
H2
3.6
4.5
J1
4.5
5.7
J2
5.7
7.2
K1
7.2
9.0
K2
9.0
11.2
L1
11.2
14.2
L2
14.2
18.0
M1
18.0
22.5
M2
22.5
28.5
N1
28.5
36.0
N2
36.0
45.0
P1
45.0
57.0
P2
57.0
71.5
Q1
71.5
90.0
Q2
90.0
112.5
R1
112.5
142.0
R2
142.0
180.0
S1
180.0
227.0
S2
227.0
285.0
T1
285.0
360.0
T2
360.0
450.0
U1
450.0
570.0
U2
570.0
715.0
@20mA / Ta=25
O C, Tolerance: + 10%
Code 1
Code 2
Code 3
Code 4, 5
Code 6, 7
Code 9
Code 10
Mfg. Year
Mfg. Month
Mfg. Date
Lots
Resin Color
Packaging
Internal
Tracing
Code
Z: 2000
1: 2001
2: 2002
3: 2003
…..
1: Jan.
2: Feb.
….
9: Sep.
A: Oct.
B: Nov.
C: Dec.
1~31/ (30)
01~99,
A,B,C…
C: Clear
D: Diffused
T: Tape & Reel


Similar Part No. - HT-191UD

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-190 ELITE-HT-190 Datasheet
205Kb / 2P
   Visible LED
HT-190CB ELITE-HT-190CB Datasheet
205Kb / 2P
   Visible LED
HT-190CBS ELITE-HT-190CBS Datasheet
205Kb / 2P
   Visible LED
HT-190CG ELITE-HT-190CG Datasheet
205Kb / 2P
   Visible LED
HT-190CW ELITE-HT-190CW Datasheet
205Kb / 2P
   Visible LED
More results

Similar Description - HT-191UD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
   Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
   Label - EV-LABEL-C-SO
logo
Pepperl+Fuchs Inc.
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
   Label Carrier
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
   Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
   Label sensor
HIALC-HICTB-SET-108 PF-HIALC-HICTB-SET-108 Datasheet
363Kb / 1P
   Label Carrier
HIALC-HIDTB-SET-150 PF-HIALC-HIDTB-SET-150 Datasheet
363Kb / 1P
   Label Carrier
ZH-Z.BT PF-ZH-Z.BT Datasheet
90Kb / 1P
   Label Carrier
logo
Ultralife Corporation.
UBBL10-01-CB ULTRALIFE-UBBL10-01-CB Datasheet
520Kb / 3P
   SMBus Commercial Label
Rev: B
logo
Pepperl+Fuchs Inc.
BMKL18X8 PF-BMKL18X8 Datasheet
357Kb / 2P
   Self-adhesive label
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com