Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-521G Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-521G
Description  0.52 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-521G Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-521G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-521G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.52
INCH
SINGLE
DIGIT
DISPLAY
A-521G B/W
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-08-0135
DATE : 2008-11-12
Page : 8
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Similar Part No. - A-521G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-521G ETC-A-521G Datasheet
92Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-521G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-516B7 CHINASEMI-CSS-516B7 Datasheet
185Kb / 6P
   0.52 Inch Single Digit Display
CSS-516S CHINASEMI-CSS-516S Datasheet
189Kb / 6P
   0.52 Inch Single Digit Display
CSS-516G CHINASEMI-CSS-516G Datasheet
191Kb / 6P
   0.52 Inch Single Digit Display
CSS-516M9 CHINASEMI-CSS-516M9 Datasheet
191Kb / 6P
   0.52 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-521E-A PARALIGHT-C-521E-A Datasheet
199Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
C-521G-A PARALIGHT-C-521G-A Datasheet
1Mb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
A-521E-N-EP-A PARALIGHT-A-521E-N-EP-A Datasheet
196Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
A-521SR-A PARALIGHT-A-521SR-A Datasheet
193Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
A-521Y PARALIGHT-A-521Y Datasheet
193Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
C-521Y PARALIGHT-C-521Y Datasheet
194Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com