Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDSR-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NDSR-08
Description  Distinctive features and specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NDSR-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NDSR-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers NDSR-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers NDSR-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers NDSR-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEM
www.apem.com
F-7
F
NDS-DP-DA series
DIP switches
Distinctive features and specifications
MATERIALS
• Case, UL94-V0, glass fiber
filled PBT, black
• Cover : UL94-V0,glass fiber
filled PBT, red
• Actuator : UL94-V0, glass
fiber filled PBT, white
• Terminals/contacts : gold over
nickel plated phosphor bronze
• Terminal seal : epoxy
• Tape seal : polyester film
ELECTRICAL SPECIFICATIONS
• Current/voltage rating : 25mA 24VDC
• Initial contact resistance : 50mΩ max.
• Insulation resistance (at 500VDC) :
100 MΩ min. between adjacent terminals
• Dielectric strength : 500VDC for one minute
• Circuit : single pole, single throw
• Electrical life : 2.000 cycles min. per switch
GENERAL SPECIFICATIONS
• Operating force :
- NDS/DA models : 10N
- DP models : 4N
• Travel :
- NDS/DA : 2 mm (.078)
- DP models : 30°
• Operating temperature :
- DP/DA models : -20°C to +70°C
- NDS models : -40°C to +85°C
RECOMMENDED SOLDERING AND CLEANING PROCESSES
• Hand soldering : 320°C max. for 2 seconds max. (30 watt iron max.)
• Wave soldering : 260°C max. for 5 seconds max.
• Force rinse, high agitation or triple bath cleaning method (with tape seal, option T) : freon TF or TE. When vapor
methods are used, do not subject switch to solvents above 51°C.
Note : keep switches in "OFF" position during soldering and cleaning for best results.
Dimensions
: first dimensions are in mm while inches are shown as bracketed numbers.
DA-02
DA-03
DA-04
DA-05
DA-06
DA-07
DA-08
DA-09
DA-10
DA-12
Quantity
73
52
40
33
28
24
21
19
17
14
DA
DA-02T
DA-03T
DA-04T
DA-05T
DA-06T
DA-07T
DA-08T
DA-09T
DA-10T
DA-12T
Quantity
70
50
39
32
28
24
21
19
17
14
DA-T
DP/DPL
Quantity
DP(L)-02
DP(L)-03
DP(L)-04
DP(L)-05
DP(L)-06
DP(L)-08
DP(L)-10
DP(L)-12
70
50
39
32
27
21
17
14
DP-T/DPL-T
Quantity
DP(L)-02T
DP(L)-03T
DP(L)-04T
DP(L)-05T
DP(L)-06T
DP(L)-08T
DP(L)-10T
DP(L)-12T
65
49
39
32
27
21
17
14
Packaging unit
: standard IC tubes - Quantities depending on model. See table below.
K
Standard, piano and right angle models
K
1 to 12 positions
K
Top tape sealing option
NDS(R)
Quantity
NDS(R)-01
NDS(R)-02
NDS(R)-03
NDS(R)-04
NDS(R)-05
NDS(R)-06
NDS(R)-07
NDS(R)-08
NDS(R)-09
NDS(R)-10
NDS(R)-12
120
72
51
40
32
27
24
21
19
17
14
Quantity
113
70
50
39
32
27
24
21
19
17
14
NDS(R)-T
NDS(R)-01T
NDS(R)-02T
NDS(R)-03T
NDS(R)-04T
NDS(R)-05T
NDS(R)-06T
NDS(R)-07T
NDS(R)-08T
NDS(R)-09T
NDS(R)-10T
NDS(R)-12T
UG1212-A-R1


Similar Part No. - NDSR-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDSR-08 ETC2-NDSR-08 Datasheet
130Kb / 4P
   Standard, piano and right angle models
More results

Similar Description - NDSR-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
VOYC1511US ETC2-VOYC1511US Datasheet
930Kb / 4P
   Distinctive features and specification
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Silicon Laboratories
1611166 SILABS-1611166 Datasheet
67Kb / 2P
   Addition of AEC-Q100 under the key features and specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com