Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5NL881M5P1HY Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # D5NL881M5P1HY
Description  Please read this notice before using the TAIYO YUDEN products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

D5NL881M5P1HY Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button D5NL881M5P1HY Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc D5NL881M5P1HY Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
sawfilter_reli_e-E02R01
10. High Temperature Bias
Specified Value
After testing, meet the specified characteristics at a room temperature.
Test Methods and
Remarks
+50℃, +29dBm, 50000hours.
11. Solderbility 1
Specified Value
More than 90% of area of terminals to be covered with the solder.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
Lead-free Solder paste, Reflow;Peak temperature 245℃
12. Solderbility 2
Specified Value
More than 90% of area of terminals to be covered with the solder.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
Sn-Pb Solder paste, Reflow;Peak temperature 235℃
13. Solder heat resistance
Specified Value
After testing, meet the specified characteristics at a room temperature.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
◆Recommended temperature profile of reflow soldering
Figure shows recommended temperature profile of reflow soldering in the case of lead-free solder alloy Sn3.0Ag0.5Cu.
Suitable condition for solder heating is differed depending on composition and manufacturing method.
Please contact to solder manufacturer for the details.


Similar Part No. - D5NL881M5P1HY

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
D5N40 SEMIHOW-D5N40 Datasheet
899Kb / 8P
   400V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
D5N50 AOSMD-D5N50 Datasheet
289Kb / 6P
   500V,5A N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
D5NE60C WXDH-D5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
D5NE60C WXDH-D5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
D5NE60C WXDH-D5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D5NL881M5P1HY

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com