Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS-06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NDS-06
Description  Distinctive features and specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NDS-06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NDS-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers NDS-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers NDS-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers NDS-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
F-8
APEM
www.apem.com
F
NDS/NDSR series
Standard DIP switches
Recessed actuator : NDSR
Raised actuator : NDS
MODEL
STRUCTURE
Raised or recessed actuator
• 1 to 12 positions
Top tape sealed : add "T" after model number.
Top tape sealed : add "T" after model number.
8
7
6
5
4
3
2
1
9 10 11 12
(.023)
A
(.055)
(.062)
(.100)
(.300)
(.100)
(.038 DIA)
B
1.40
1.60
7.62
0.60
2.54
Ø0.97
2.54
CNDS
CNDSR
Echelle: 1
FICHIER: CNDS
2
1
3
ON
5
46 7 8
DIP
(.023)
A
(.100)
(.300)
(.100)
(.038 DIA)
B
7.62
0.60
2.54
Ø0.97
2.54
2
1
3
ON
5
46 7 8
DIP
le 11-04-2014
(.023)
A
(.055)
(.062)
(.100)
(.300)
(.100)
(.038 DIA)
B
1.40
1.60
7.62
0.60
2.54
Ø0.97
2.54
CNDS
CNDSR
Echelle: 1
FICHIER: CNDS
2
1
3
ON
5
46 7 8
DIP
(.023)
A
(.100)
(.300)
(.100)
(.038 DIA)
B
7.62
0.60
2.54
Ø0.97
2.54
2
1
3
ON
5
46 7 8
DIP
le 11-04-2014
Model No No.
pos.
Dim. "A"
Dim. "B"
NDS-02
2
6,44 (.253)
2,54 (.100)
NDS-01
1
4,22 (.166)
-
NDS-03
3
8,98 (.353)
5,08 (.200)
NDS-04
4
11,52 (.453)
7,62 (.300)
NDS-05
5
14,06 (.553)
10,16 (.400)
NDS-06
6
16,60 (.653)
12,70 (.500)
NDS-07
7
19,14 (.753)
15,24 (.600)
NDS-08
8
21,68 (.853)
17,78 (.700)
NDS-09
9
24,22 (.953)
20,32 (.800)
NDS-10
10
26,76 (1.053) 22,86 (.900)
NDS-12
12
31,84 (1.253) 27,94 (1.100)
NDSR-02
6,44 (.253)
4,22 (.166)
2,54 (.100)
NDSR-01
1
2
-
NDSR-03
3
8,98 (.353)
5,08 (.200)
NDSR-04
4
11,52 (.453)
7,62 (.300)
NDSR-05
5
14,06 (.553)
10,16 (.400)
NDSR-06
6
7
16,60 (.653)
12,70 (.500)
NDSR-07
19,14 (.753)
15,24 (.600)
NDSR-08
8
9
21,68 (.853)
17,78 (.700)
NDSR-09
24,22 (.953)
20,32 (.800)
NDSR-10
10
26,76 (1.053) 22,86 (.900)
NDSR-12
12
31,84 (1.253) 27,94 (1.100)
Model No
No
pos.
Dim. "A"
Dim. "B"


Similar Part No. - NDS-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDS-06 ETC2-NDS-06 Datasheet
130Kb / 4P
   Standard, piano and right angle models
More results

Similar Description - NDS-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
VOYC1511US ETC2-VOYC1511US Datasheet
930Kb / 4P
   Distinctive features and specification
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Silicon Laboratories
1611166 SILABS-1611166 Datasheet
67Kb / 2P
   Addition of AEC-Q100 under the key features and specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com