Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-D6NH-1G9600-M1Z6 Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-D6NH-1G9600-M1Z6
Description  Please read this notice before using the TAIYO YUDEN products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-D6NH-1G9600-M1Z6 Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button FAR-D6NH-1G9600-M1Z6 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc FAR-D6NH-1G9600-M1Z6 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
sawfilter_reli_e-E02R01
10. High Temperature Bias
Specified Value
After testing, meet the specified characteristics at a room temperature.
Test Methods and
Remarks
+50℃, +29dBm, 50000hours.
11. Solderbility 1
Specified Value
More than 90% of area of terminals to be covered with the solder.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
Lead-free Solder paste, Reflow;Peak temperature 245℃
12. Solderbility 2
Specified Value
More than 90% of area of terminals to be covered with the solder.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
Sn-Pb Solder paste, Reflow;Peak temperature 235℃
13. Solder heat resistance
Specified Value
After testing, meet the specified characteristics at a room temperature.
A change of the remarkable appearance do not have it.
Test Methods and
Remarks
◆Recommended temperature profile of reflow soldering
Figure shows recommended temperature profile of reflow soldering in the case of lead-free solder alloy Sn3.0Ag0.5Cu.
Suitable condition for solder heating is differed depending on composition and manufacturing method.
Please contact to solder manufacturer for the details.


Similar Part No. - FAR-D6NH-1G9600-M1Z6

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-D5CC-881M50-D1C8-Q FUJITSU-FAR-D5CC-881M50-D1C8-Q Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-D5CC-881M50-D1C8-T FUJITSU-FAR-D5CC-881M50-D1C8-T Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-D5GA-881M50-D1AA FUJITSU-FAR-D5GA-881M50-D1AA Datasheet
326Kb / 11P
   Cellular SAW Duplexer
FAR-D5GD-942M50-D1DF FUJITSU-FAR-D5GD-942M50-D1DF Datasheet
234Kb / 10P
   WCDMA Band VIII Duplexer (Rx balanced)
More results

Similar Description - FAR-D6NH-1G9600-M1Z6

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com