Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD45128163G5-A80SU-9JF Datasheet(PDF) 1 Page - Elpida Memory

Part # PD45128163G5-A80SU-9JF
Description  128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD45128163G5-A80SU-9JF Datasheet(HTML) 1 Page - Elpida Memory

  PD45128163G5-A80SU-9JF Datasheet HTML 1Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 2Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 3Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 4Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 5Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 6Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 7Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 8Page - Elpida Memory PD45128163G5-A80SU-9JF Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD45128163-SU
128M-bit Synchronous DRAM
4-bank, LVTTL
WTR (Wide Temperature Range)
PRELIMINARY DATA SHEET
Document No. E0242N10 (Ver. 1.0)
Date Published December 2001 (K) Japan
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The
µPD45128163 are high-speed 134,217,728-bit synchronous dynamic random-access memories, organized as
2,097,152
× 16 × 4 (word × bit × bank).
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture.
All inputs and outputs are synchronized with the positive edge of the clock.
The synchronous DRAMs are compatible with Low Voltage TTL (LVTTL).
These products are packaged in 54-pin TSOP (II).
Features
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0(A13) and BA1(A12)
• Byte control by LDQM and UDQM
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Ambient temperature (TA): −20 to + 70°C
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• ×16 organization
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64 ms
• Burst termination by Burst stop command and Precharge command


Similar Part No. - PD45128163G5-A80SU-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128163G5-A80I-9JF ELPIDA-PD45128163G5-A80I-9JF Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163G5-A80LI-9JF ELPIDA-PD45128163G5-A80LI-9JF Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - PD45128163G5-A80SU-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-I ELPIDA-PD45128441-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com