Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF05A40-11A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # TSF05A40-11A
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TSF05A40-11A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  TSF05A40-11A Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
■電気的特性 ELECTRICAL CHARACTERISTICS
■定格・特性曲線
166
400
TSF05A40-11A
■最大定格 Maximum Ratings
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Tc=118℃
5
実効順電流
R.M.S. Forward Current
I F(RMS)
7.85
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
80
50Hz正弦半波,1サイクル,非くり返し 
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
400
V
FORWARD CURRENT VS. VOLTAGE
00.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
FORWARD CURRENT VS. VOLTAGE
00.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
TSF05A40-11A
順 電 圧 特 性
(A)
Tj=25˚C
Tj=150˚C
瞬 時 順 電 圧 (V)
FIG.1
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
20
40
60
80
0.02s
IFSM
TSF05A40-11A
サ ー ジ 順 電 流 定 格
時 間 (s)
(A)
FIG.4
AVERAGE FORWARD POWER DISSIPATION
02
468
AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
HALF SINE WAVE
D.C.
RECT 180
RECT 120
RECT 60
AVERAGE FORWARD POWER DISSIPATION
02
468
AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
HALF SINE WAVE
D.C.
RECT 180˚
RECT 120˚
RECT 60˚
TSF05A40-11A
180˚
θ
通流角
CONDUCTION ANGLE
平 均 順 電 力 損 失 特 性
(W)
平 均 順 電 流 (A)
FIG.2
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
025
50
75
100
125
150
0
2
4
6
8
HALF SINE WAVE
D.C.
RECT 180˚
RECT 120˚
RECT 60˚
TSF05A40-11A
180˚
θ
通流角
CONDUCTION ANGLE
平 均 順 電 流 − ケ ー ス 温 度 定 格
ケ ー ス 温 度 (℃)
(A)
CASE TEMPERATURE (˚C)
FIG.3
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
逆回復時間
Reverse Recovery Time
IFM=5A, −di/dt=50 A/μs, Tj=25℃
Typ.
Max.
Unit
30
μA
45
ns
Symbol
I RM
trr
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=5A
1.25
V
R th(j-c)
接合部・ケース間
Junction to Case
5
℃/W
熱抵抗
Thermal Resistance
■APPROX. NET WEIGHT:1.4g


Similar Part No. - TSF05A40-11A

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TSF05A40-11A NI-TSF05A40-11A_15 Datasheet
120Kb / 1P
   FRED
More results

Similar Description - TSF05A40-11A

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
   FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
   FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
   FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
   FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com