Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-40E7500-J-03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BXRA-40E7500-J-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-40E7500-J-03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BXRA-40E7500-J-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-40E7500-J-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 5 of 28
Cautionary Statements
CAUTION: CONTACT WITH OPTICAL AREA
Avoid any contact with the optical area. Do not touch the optical area of the LED Array or apply mechanical
stress to the yellow phosphor resin area
– it could damage the LED Array.
Optics and reflectors must not be mounted in contact with the yellow phosphor resin area (LES) or the white
ring that surrounds the yellow phosphor area. Using the white ring to secure optics can result in damage to the
LED Array as the ring is not designed to act as a mechanical locating feature. Optical devices may be
mounted on the top surface of the LED Array substrate outside of the white ring maximum OD as specified in
the product data sheet. Use the mechanical features of the LED Array substrate edges and/or mounting holes
to locate and secure the optical device as needed.
CAUTION: EYE SAFETY
Eye safety classification for the use of Bridgelux LED Arrays is in accordance with IEC specification EN62471;
Photobiological Safety of Lamps and Lamp Systems. Bridgelux LED Arrays are classified as Risk Group 1
(Low Risk) when operated at or below their rated test current. Please use appropriate precautions. It is
important that employees working with LEDs are trained to use them safely.
CAUTION: RISK OF BURN
Do not touch the LED Array or resin area during operation. Allow the LED Array to cool for a sufficient period
of time before handling. The LED Array may reach elevated temperatures such that it can burn skin when
touched.
CAUTION: CHEMICAL EXPOSURE HAZARD
Exposure to some chemicals commonly used in luminaire manufacturing and assembly can cause damage to
the LED Array. Please consult Application Note AN11 for additional information.


Similar Part No. - BXRA-40E7500-J-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-40E7500-J-00 ETC2-BXRA-40E7500-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-40E7500-J-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com