Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-35E3500-F-03 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BXRA-35E3500-F-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-35E3500-F-03 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BXRA-35E3500-F-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-35E3500-F-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 3 of 28
Typical Product Features
Bridgelux arrays are fully engineered devices that provide consistent thermal and optical performance on an
engineered mechanical platform. The RS array is the largest chip-on-board device in the BXRA LED Array
product series. The arrays incorporate several features to simplify design integration and assembly.
Figure 1: Array Features
Product Nomenclature
The part number designation for Bridgelux LED Arrays is explained as follows:
BXRA
– AB C DEFG – H – IJ
Where:
B X R A
– Designates product family
A B
– Designates the nominal ANSI color temperature; 27 = 2700K; 30 = 3000K, etc.
C - Designates minimum CRI; C = 70, E = 80, G = 90
D E F G - Designates Nominal Flux; 4000 = 4000lm, 7000 = 7000lm, etc.
H
– Designates configuration
I J
– Designates CCT color binning
03 = 3SDCM or 3-step
04 = 4SDCM or 4-step
00 = 7SDCM or 7-step
Solder Pad
Mounting Holes
Case Temperature (Tc)
Measurement Point
Yellow phosphor
Light Emitting
Surface (LES)
Polarity Indication
simplifies assembly
instructions
Fully engineered substrate for
consistent thermal, mechanical
and optical properties
Manufacturer identification: genuine Bridgelux
Index features assist
accurate orientation
during assembly
Solder Pad
White ring
around LES
Note: Part number and lot codes are scribed on back of array


Similar Part No. - BXRA-35E3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-35E4000-H-00 ETC2-BXRA-35E4000-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-35E7000-J-00 ETC2-BXRA-35E7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-35E3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com