Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-30G7000-J-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BXRA-30G7000-J-00
Description  Bridgelux RS Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-30G7000-J-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BXRA-30G7000-J-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-30G7000-J-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 0 1 P o rt o l a A v e n u e , L i v e rm o re , C A 9 4 5 5 1 • T e l : (9 2 5 ) 5 8 3 -8 4 0 0 • Fa x: (9 2 5 ) 5 8 3 -8 4 0 1 • ww w. b ri d g e l u x. c o m
Bridgelux RS Array Series
Product Data Sheet DS25
BXRA-27x4000, BXRA-27x7000, BXRA-30x4000, BXRA-30x7000, BXRA-35x4000,
BXRA-35x7000, BXRA-40E4500, BXRA-40E7500, BXRA-5xC5300, BXRA-5xC9000
Introduction
The Bridgelux family of LED Array products delivers high performance, compact and cost-effective solid-
state lighting solutions to serve the general lighting market. These products combine the higher efficacy,
lifetime, and reliability benefits of LEDs with the light output levels of many conventional lighting sources.
The Bridgelux RS Array Series has been specified to enable lamp and luminaire designs with comparable
performance to existing high wattage CFL and HID conventional light sources for retail, commercial,
industrial and outdoor/street lighting applications. Bridgelux Arrays are extremely well equipped for all
types of light-on-demand applications, where they can be instantaneously and smoothly dimmed up or
down without any effect on lifetime, unlike traditional CFL and HID light sources.
The Bridgelux RS Array series provides a high performance alternative to conventional solid state
solutions, delivering between 3400 and 9000 lumens under application conditions in warm, neutral and
cool white color temperatures. These compact high flux density light sources deliver uniform high quality
illumination without pixilation or the multiple shadow effect caused by LED component based solutions,
enabling excellent beam control for precision lighting. To simplify system design for appropriate light
output, Bridgelux LED Arrays are specified to deliver performance under typical use conditions.
These integrated plug and play solutions reduce system complexity and enable miniaturized cost-
effective lamp and luminaire designs. Luminaire designs incorporating these LED Arrays deliver system
level performance comparable to that of 42-55 Watt CFL, 35-90 Watt low pressure sodium, 70-150 Watt
high pressure sodium or 70-200 Watt metal halide based luminaires and feature increased system level
and service life. Typical applications include retail lighting, commercial down lights, high bay, outdoor and
street lights, and entertainment lighting.
Features
Compact high flux density light source
Uniform high quality illumination
Minimum 70, 80 and 90 CRI options
Streamlined thermal path
Energy Star / ANSI compliant color
binning structure with 3SDCM options
More energy efficient than incandescent,
halogen and fluorescent lamps
Low voltage DC operation
Instant light with unlimited dimming
5-Year warranty
RoHS compliant and Pb free
Benefits
Enhanced optical control
Clean white light without pixilation
High quality true color reproduction
Significantly reduced thermal resistance
and increased operating temperatures
Uniform consistent white light
Lower operating costs
Increased safety
Easy to use with daylight and motion
detectors to enable increased energy
savings
Reduced maintenance costs
Environmentally friendly, no disposal issue


Similar Part No. - BXRA-30G7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-30G7000-J-03 ETC2-BXRA-30G7000-J-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-30G7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com