Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-30G3500-F-03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BXRA-30G3500-F-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-30G3500-F-03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BXRA-30G3500-F-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 4 of 28
Lumen Maintenance Characteristics
Bridgelux projects that its family of LED Array products will deliver, on average, greater than 70% lumen
maintenance after 50,000 hours of operation at the rated forward test current. This performance assumes
constant current operation at the nominal drive current with case temperature maintained at or below 85°C.
For use beyond these typical operating conditions please consult your Bridgelux sales representative for
further assistance.
These projections are based on a combination of package test data, semiconductor chip reliability data, a
fundamental understanding of package related degradation mechanisms, and performance observed from
products installed in the field using Bridgelux die technology. Bridgelux conducts lumen maintenance tests per
LM80. Observation of design limits is required in order to achieve this projected lumen maintenance.
Environmental Compliance
Bridgelux is committed to providing environmentally friendly products to the solid state lighting market.
Bridgelux LED Arrays comply with the European Union directives on the restriction of hazardous substances in
electronic equipment, namely the RoHS directive. Bridgelux does not intentionally add the following restricted
materials to LED Array products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls
(PBB) or polybrominated diphenyl ethers (PBDE).
UL Recognition
Bridgelux secures UL recognition for all the LED Array products. Please refer to the UL file E350613 for the
latest list of UL recognized Arrays. Bridgelux uses UL recognized materials with suitable flammability ratings in
the LED Array to streamline the process for customers to secure UL listing of the final luminaire product.
CE Recognition
In accordance with the relevant European Union directives, the family of LED Array products conform to the
applicable requirements of the IEC/EN 62031:2008 (LED Modules for General Lighting Safety Specifications)
and IEC 62471:2006 (Photobiological Safety of Lamps and Lamp Systems). Bridgelux maintains a CE
Declaration of Conformity statement on its website and displays the CE mark on product packing labels.
Minor Product Change Policy
The rigorous qualification testing on products offered by Bridgelux provides performance assurance. Slight
cosmetic changes that do not affect form, fit, or function may occur as Bridgelux continues product
optimization.
Case Temperature Measurement Point
A case temperature (Tc) measurement point location is included on the top surface of the Bridgelux LED
Arrays. The location of this measurement point is indicated in the mechanical dimensions section of this data
sheet.
The purpose of this measurement point is to allow the user access to a measurement point closely linked to
the true case temperature on the back surface of the LED Array. Once the LED Array is installed, it is
challenging to measure the back surface of the array, or true case temperature.
Bridgelux has provided the case temperature measurement location in a manner which closely ties it to the
true case temperature of the LED Array under steady state operation. Deviations between thermal
measurements taken at the point indicated and the back of the LED Array differ by less than 1°C, providing a
robust method to testing thermal operation once the product is installed.


Similar Part No. - BXRA-30G3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-30G0540-A-03 ETC2-BXRA-30G0540-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30G0740-A-03 ETC2-BXRA-30G0740-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30G4000-H-00 ETC2-BXRA-30G4000-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-30G7000-J-00 ETC2-BXRA-30G7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-30G3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com