Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-30E7000-J-00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BXRA-30E7000-J-00
Description  Bridgelux RS Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-30E7000-J-00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BXRA-30E7000-J-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-30E7000-J-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (12/3/11)
Page 3 of 24
Product Nomenclature
The part number designation for Bridgelux LED Arrays is explained as follows:
BXRA – AB C DEFG – H – IJ - KLM
Where:
BXRA – Designates product family
AB – Designates the nominal ANSI color temperature; 27 = 2700K; 30 = 3000K, etc.
C - Designates minimum CRI; C = 70, E = 80, G = 90
DEFG - Designates Nominal Flux; 4000 = 4000lm, 7000 = 7000lm, 9000 = 9000lm, etc.
H – Designates configuration
IJ – Designates CCT Bin options
3000K as an example:
00 = Full ANSI: Q3, Q4, R3, R4
03 = 3 SDCM
KLM – Designates wire option
Average Lumen Maintenance Characteristics
Bridgelux projects that its family of LED Array products will deliver, on average, greater than 70% lumen
maintenance after 50,000 hours of operation at the rated forward test current. This performance
assumes constant current operation with case temperature maintained at or below 85°C. For use beyond
these typical operating conditions please consult your Bridgelux sales representative for further
assistance.
These projections are based on a combination of package test data, semiconductor chip reliability data, a
fundamental understanding of package related degradation mechanisms, and performance observed
from products installed in the field using Bridgelux die technology. Bridgelux conducts lumen
maintenance tests per LM80. Observation of design limits is required in order to achieve this projected
lumen maintenance.
Environmental Compliance
Bridgelux is committed to providing environmentally friendly products to the solid-state lighting market.
Bridgelux LED Arrays are compliant to the European Union directives on the restriction of hazardous
substances in electronic equipment, namely the RoHS directive. Bridgelux does not intentionally add the
following restricted materials to LED Array products: lead, mercury, cadmium, hexavalent chromium,
polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - BXRA-30E7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-30E7000-J-03 ETC2-BXRA-30E7000-J-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-30E7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com