Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXRA-30E3500-F-03 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BXRA-30E3500-F-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-30E3500-F-03 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BXRA-30E3500-F-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-30E3500-F-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 6 of 28
Selection Guide
The following configurations are available:
Table 1: Selection Guide for RS Arrays
Part Number
[1]
CCT
[2]
(Kelvin)
CRI
[3,4]
Test
Current
[5]
(mA)
Typical
Voltage
(V)
Typical Flux
[6] (lm)
Typical
Power
[6]
(W)
Typical
Efficacy
[6]
(lm/W)
Tj = 25ºC
Tcase = 85ºC
BXRA-27E3500-F-03
2700K
80
1750
17.9
2900
2520
31.3
93
BXRA-27E4000-H-03
2700K
80
2100
23.5
4640
4040
49.4
94
BXRA-27E7000-J-03
2700K
80
2800
29.4
7320
6370
82.3
89
BXRA-27G3500-F-03
2700K
90
1750
17.9
2520
2190
31.3
80
BXRA-27G4000-H-03
2700K
90
2100
23.5
3960
3440
49.4
80
BXRA-27G7000-J-03
2700K
90
2800
29.4
6280
5460
82.3
76
BXRA-30E3500-F-03
3000K
80
1750
17.9
3150
2740
31.3
101
BXRA-30E4000-H-03
3000K
80
2100
23.5
5040
4380
49.4
102
BXRA-30E7000-J-03
3000K
80
2800
29.4
8050
7000
82.3
98
BXRA-30G3500-F-03
3000K
90
1750
17.9
2790
2430
31.3
89
BXRA-30G4000-H-03
3000K
90
2100
23.5
4260
3700
49.4
86
BXRA-30G7000-J-03
3000K
90
2800
29.4
6800
5910
82.3
83
BXRA-35E3500-F-03
3500K
80
1750
17.9
3280
2850
31.3
105
BXRA-35E4000-H-03
3500K
80
2100
23.5
5340
4640
49.4
108
BXRA-35E7000-J-03
3500K
80
2800
29.4
8530
7420
82.3
104
BXRA-40E4000-F-03
4000K
80
1750
17.9
3530
3070
31.3
113
BXRA-40E4500-H-03
4000K
80
2100
23.5
5700
4960
49.4
116
BXRA-40E7500-J-03
4000K
80
2800
29.4
9010
7840
82.3
109
BXRA-50C4500-F-xx
5000K
70
1750
17.9
3940
3430
31.3
126
BXRA-50C5300-H-xx
5000K
70
2100
23.5
6300
5480
49.4
128
BXRA-50C9000-J-xx
5000K
70
2800
29.4
10060
8750
82.3
122
BXRA-56C4500-F-xx
5600K
70
1750
17.9
3840
3340
31.3
123
BXRA-56C5300-H-xx
5600K
70
2100
23.5
6300
5480
49.4
128
BXRA-56C9000-J-xx
5600K
70
2800
29.4
10060
8750
82.3
122
Note for Table 1 through 5 (additional specific notes following Table 2 through 5):
1.
Part numbers with “-xx” suffix are available with multiple color control options (4 SDCM or 7 SDCM for
example).
2.
Nominal CCT as defined by ANSI C78.377-2011.
3.
Values are minimum.
4.
Minimum R9 value for 90 CRI products is 50.
5.
Products tested under pulsed condition (10ms pulse width) at rated test current where Tjunction = Tcase =
25°C.
6.
Typical performance values are provided as a reference only and are not a guarantee of performance.
7.
Bridgelux maintains a ±7% tolerance on flux measurements.
8.
Operating these LED Arrays at or below the drive currents listed in Table 2 and 5, with a case
temperature maintained at or below 85°C, will enable the average lumen maintenance projection
outlined earlier in this Product Data Sheet.


Similar Part No. - BXRA-30E3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-30E0540-A-03 ETC2-BXRA-30E0540-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30E0740-A-03 ETC2-BXRA-30E0740-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30E4000-H-00 ETC2-BXRA-30E4000-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-30E7000-J-00 ETC2-BXRA-30E7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-30E3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com