Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-28-0362 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-28-0362
Description  KK짰 254 Breakaway Header, Vertical, with Friction Lock, 36 Circuits, 0.76關m Gold (Au) Selective Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-28-0362 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-28-0362 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-0362 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42227-0106
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42227-001
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-28-0362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-0362 MOLEX2-22-28-0362 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 36 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 22-28-0362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-0152 MOLEX11-22-28-0152 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 15 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0032 MOLEX11-22-28-0032 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 3 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0062 MOLEX11-22-28-0062 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 6 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0232 MOLEX11-22-28-0232 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 23 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0022 MOLEX11-22-28-0022 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 2 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0361 MOLEX11-22-28-0361 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 36 Circuits, 0.38關m Gold (Au) Selective Plating
22-28-0122 MOLEX11-22-28-0122 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 12 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0052 MOLEX11-22-28-0052 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 5 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-0082 MOLEX11-22-28-0082 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 8 Circuits, 0.76關m Gold (Au) Selective Plating
22-28-1362 MOLEX11-22-28-1362 Datasheet
54Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle with Friction Lock, 36 Circuits, 0.76關m Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com