Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R512FKK6K-840 Datasheet(PDF) 6 Page - Elpida Memory

Part # MC-4R512FKK6K-840
Description  512MB 32-bit Direct Rambus DRAM RIMM Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKK6K-840 Datasheet(HTML) 6 Page - Elpida Memory

Back Button MC-4R512FKK6K-840 Datasheet HTML 2Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 3Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 4Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 5Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 6Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 7Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 8Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 9Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MC-4R512FKK6K
Preliminary Data Sheet E0267N10 (Ver. 1.0)
6
Signal
Module
connector pads
I/O
Type
Description
GND
A1, A3, A5, A7, A9, A11, A13, A15,
A17, A19, A21, A23, A25, A27, A29,
A31, A33, A35, A37, A39, A41, A43,
A45, A47, A49, A51, A53, A55, A57,
A59, A62, A64, A66, A68, A70, A72,
A74, A84, A86, A88, A90, A92, A94,
A96, A98, A100, A102, A104, A106,
A108, A110, A112, A114, A116, B1,
B3, B5, B7, B9, B11, B13, B15, B17,
B19, B21, B23, B25, B27, B29, B31,
B33, B35, B37, B39, B41, B43, B45,
B47, B49, B51, B53, B55, B57, B59,
B62, B64, B66, B68, B70, B72, B74,
B84, B86, B88, B90, B92, B94, B96,
B98, B100, B102, B104, B106,
B108, B110, B112, B114, B116
Ground reference for RDRAM core and
interface.
SA0
A81
I
SVDD
Serial Presence Detect Address 0
SA1
B81
I
SVDD
Serial Presence Detect Address 1.
SA2
A83
I
SVDD
Serial Presence Detect Address 2.
SCL
A79
I
SVDD
Serial Presence Detect Clock.
SDA
B79
I/O
SVDD
Serial Presence Detect Data (Open Collector
I/O).
SVDD
A77
SPD Voltage. Used for signals SCL, SDA,
SWE, SA0, SA1 and SA2.
SWP
B77
I
SVDD
Serial Presence Detect Write Protect (active
high). When low, the SPD can be written as
well as read.
VCMOS
B75
CMOS I/O Voltage. Used for signals CMD,
SCK, SIN, SOUT.
VDD
A69, B69, A76, B76, A78, B78, A80,
B80, A82, B82
Supply voltage for the RDRAM core and
interface logic.
VREF
A75
Logic threshold reference voltage for both
"Thru" Channel and "Term" Channel RSL
signals.


Similar Part No. - MC-4R512FKK6K-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK8K-840 ELPIDA-MC-4R512FKK8K-840 Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
More results

Similar Description - MC-4R512FKK6K-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR51UC8ABKD ELPIDA-EBR51UC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABKD ELPIDA-EBR51EC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com