Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R512FKE8D-845 Datasheet(PDF) 1 Page - Elpida Memory

Part # MC-4R512FKE8D-845
Description  Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKE8D-845 Datasheet(HTML) 1 Page - Elpida Memory

  MC-4R512FKE8D-845 Datasheet HTML 1Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 2Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 3Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 4Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 5Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 6Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 7Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 8Page - Elpida Memory MC-4R512FKE8D-845 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
MC-4R512FKE8D
Direct Rambus DRAM RIMM
TM Module
512M-BYTE (256M-WORD x 18-BIT)
DATA SHEET
Document No. E0076N20 (Ver 2.0)
Date Published June 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
NEC Corporation. 2000
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for
use in a broad range of applications including computer memory, personal computers, workstations, and other
applications where high bandwidth and low latency are required.
MC-4R512FKE8D modules consists of sixteen 288M Direct Rambus DRAM (Direct RDRAM) devices (
µPD488588).
These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling
Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and
board design technologies.
Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes).
The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous,
randomly addressed memory transactions. The separate control and data buses with independent row and column
control yield over 95 % bus efficiency. The Direct RDRAM's 32 banks support up to four simultaneous transactions
per device.
Features
• 184 edge connector pads with 1mm pad spacing
• 512 MB Direct RDRAM storage
• Each RDRAMhas 32 banks, for 512 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support


Similar Part No. - MC-4R512FKE8D-845

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKE8D-840 ELPIDA-MC-4R512FKE8D-840 Datasheet
129Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
More results

Similar Description - MC-4R512FKE8D-845

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKE8D-840 ELPIDA-MC-4R512FKE8D-840 Datasheet
129Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R512FKE6D-840 ELPIDA-MC-4R512FKE6D-840 Datasheet
130Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com