Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-71HF140 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-71HF140
Description  Standard Recovery Diodes Stud Version), 70 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-71HF140 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-71HF140 Datasheet HTML 2Page - Vishay Siliconix VS-71HF140 Datasheet HTML 3Page - Vishay Siliconix VS-71HF140 Datasheet HTML 4Page - Vishay Siliconix VS-71HF140 Datasheet HTML 5Page - Vishay Siliconix VS-71HF140 Datasheet HTML 6Page - Vishay Siliconix VS-71HF140 Datasheet HTML 7Page - Vishay Siliconix VS-71HF140 Datasheet HTML 8Page - Vishay Siliconix VS-71HF140 Datasheet HTML 9Page - Vishay Siliconix VS-71HF140 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 95343
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
DO-203AB (DO-5) for 70HF(R) and 71HF(R) Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR 70HF(R) SERIES in millimeters (inches)
1/4" 28UNF-2A
for metric devices: M6 x 1
Ø 14.6 (0.57)
6.1/7
(0.24/0.27)
4 (0.16) MIN.
4 (0.16)
10.8 (0.42)
11.4 (0.45)
25.4 (1) MAX.
11.1 ± 0.4
(0.44 ± 0.02)
1.20 (0.04)
17.40 (0.68)


Similar Part No. - VS-71HF140

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-700 VECTRON-VS-700 Datasheet
471Kb / 7P
   VOLTAGE CONTROLLED SAW OSCILLATOR
VS-700-LFF VECTRON-VS-700-LFF Datasheet
471Kb / 7P
   VOLTAGE CONTROLLED SAW OSCILLATOR
VS-700-LFF-GNN VECTRON-VS-700-LFF-GNN Datasheet
471Kb / 7P
   VOLTAGE CONTROLLED SAW OSCILLATOR
VS-700-LFF-GNN VECTRON-VS-700-LFF-GNN Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
VS-700-LFF-GNN-622M080000 VECTRON-VS-700-LFF-GNN-622M080000 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-71HF140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-70HFR VISHAY-VS-70HFR Datasheet
221Kb / 9P
   Standard Recovery Diodes(Stud Version), 70 A
Revision: 06-Mar-17
70HFR VISHAY-70HFR Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
VS-70HFR VISHAY-VS-70HFR_V01 Datasheet
218Kb / 9P
   Standard Recovery Diodes, (Stud Version), 70 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com