Electronic Components Datasheet Search |
|
V600-A41 Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
V600-A41 Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 34 page 6 Electromagnetic Coupling RFID System V600 ■ Read/Write (R/W) Heads with Built-in Amplifier Note: 1. Extension cables are also available. The maximum cable length is 30.5 m for the V600-H07 and 50.5 m for the V600-H11/H51/H52. 2. The connectors are not water-resistant. Model V600-H07 V600-H11/H11-R V600-H51 V600-H52 Item Oscillation frequency 530 kHz Ambient temperature −25 to 70°C −10 to 60°C Storage temperature −40 to 85°C −25 to 75°C Ambient humidity 35% to 95% Storage humidity 35% to 95% Insulation resistance 50 M Ω min. (at 500 VDC) between cable terminals and case Dielectric strength 1,000 VAC, 50/60 Hz for 1 min between cable terminals and case (Leakage current: 1 mA max.) Degree of protection IEC 60529: IP67 Vibration resistance (destruction) 10 to 500 Hz, 1.0-mm single amplitude, 150 m/s2 acceleration with 3 sweeps of 11 min each in X, Y, and Z directions Shock resistance Destruction: 500 m/s2 3 times each in X, Y, and Z directions (18 times total) Cable length (See note 1.) Standard lengths of 0.5 m, 2 m, 5 m, and 10 m. Wireless transmission error detection 16-bit CRC in both directions (CRC: Cyclic Redundancy Check) Indicators Power: green; transmission: orange Weight Approx. 1 kg (with 10-m cable) Approx. 650 g (with 10-m cable) Q124-E1-03.fm Page 6 Tuesday, May 30, 2006 5:22 PM |
Similar Part No. - V600-A41 |
|
Similar Description - V600-A41 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |