Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR2450 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CR2450
Description  INDUSTRIAL SOLUTIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CR2450 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CR2450 Datasheet HTML 1Page - Panasonic Semiconductor CR2450 Datasheet HTML 2Page - Panasonic Semiconductor CR2450 Datasheet HTML 3Page - Panasonic Semiconductor CR2450 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CR1220
3
35
0.10
12.5
2.00
1.2
CR1612
3
40
0.10
16.0
1.20
0.8
CR1616
3
55
0.10
16.0
1.60
1.2
CR1620
3
75
0.10
16.0
2.00
1.3
CR1632
3
140
0.10
16.0
3.20
1.8
CR2016
3
90
0.10
20.0
1.60
1.6
CR2025
3
165
0.20
20.0
2.50
2.3
CR2032
3
225
0.20
20.0
3.20
2.9
CR2330
3
265
0.20
23.0
3.00
3.8
CR2354
3
560
0.20
23.0
5.40
5.8
CR2412
3
100
0.20
24.5
1.20
2.0
CR2450
3
620
0.20
24.5
5.00
6.3
CR2477
3
1000
0.20
24.5
7.70
10.5
CR3032
3
500
0.20
30.0
3.20
6.8
* Nominal capacity shown is based on standard drain and cut off voltage down to 2.0V at 20ºC.
Note: Cells are available in assorted tab configurations.
Consult your local regional office for additional information.
Technical Data - Table 3 - Coin Cell Tab Configurations (BR Series)
Model No.
Tab Description Drawing
BR1225/1HC
2 pin, horizontal mount, through hole, (with insulation wrap)
BR1225/1VC
2 pin, vertical mount, through hole, (with insulation wrap)
BR1632/1HF
2 pin, horizontal mount, through hole, (with insulation wrap)
BR2032/1GU
3 pin, horizontal mount, through hole, (without insulation wrap)
BR2032/1HE
2 pin, horizontal mount, through hole, (without insulation wrap)
BR2032/1VB
2 pin, vertical mount, through hole, (without insulation wrap)
BR2032/1F2
2 pin, flat mount, (with insulation wrap)
BR2325/1HC
2 pin, horizontal mount, through hole, (with insulation wrap)
BR2325/1HB
2 pin, horizontal mount, through hole, (without insulation wrap)
BR2325/1VC
2 pin, vertical mount, through hole, (without insulation wrap)
BR2325/1HG
2 pin, horizontal mount, through hole, (without insulation wrap)
BR2325/1VG
2 pin, vertical mount, through hole, (without insulation wrap)
BR2330/1HE
2 pin, horizontal mount, through hole, (without insulation wrap)
BR2330/1VC
2 pin, vertical mount, through hole, (with insulation wrap)
BR2330/1GVF
3 pin, vertical mount, through hole, (with insulation wrap)


Similar Part No. - CR2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2450 ETC-CR2450 Datasheet
57Kb / 1P
   Lithium / Manganese Dioxide (Li/MnO2 )
logo
Energizer
CR2450 ENERGIZER-CR2450 Datasheet
61Kb / 1P
   3.0 Volts 6.9 grams (0.24 oz.) 2.4 cubic centimeters (0.14 cubic inch)
logo
Panasonic Semiconductor
CR2450 PANASONIC-CR2450 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
More results

Similar Description - CR2450

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Intel Corporation
SCS110K INTEL-SCS110K Datasheet
415Kb / 5P
   Intel Industrial Solutions System Consolidation Series
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com