Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-J63-EX Datasheet(PDF) 4 Page - Vicor Corporation

Part # VE-J63-EX
Description  Half Brick, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-J63-EX Datasheet(HTML) 4 Page - Vicor Corporation

  VE-J63-EX Datasheet HTML 1Page - Vicor Corporation VE-J63-EX Datasheet HTML 2Page - Vicor Corporation VE-J63-EX Datasheet HTML 3Page - Vicor Corporation VE-J63-EX Datasheet HTML 4Page - Vicor Corporation VE-J63-EX Datasheet HTML 5Page - Vicor Corporation VE-J63-EX Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VI-J00 DC-DC Converters
Rev 2.8
vicorpower.com
Page 4 of 6
10/2013
800 927.9474
VI-J00, VE-J00
VI-J00E-Grade
VI-J00C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Input to output
3,000
3,000
VRMS
Baseplate earthed
Output to baseplate
500
500
VRMS
Input to baseplate
1,500
1,500
VRMS
VI-J00E-Grade
VI-J00C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Efficiency
78 – 88%
80 – 90%
Baseplate to sink
0.14
0.14
°C/Watt
With Vicor P/N 20267
VI-J00E-,C-Grade
VI-J00I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Weight
2.9
3.2
3.6
3.4
3.8
4.1
Ounces
82.8
92
101.2
96.3
107
117.7
Grams
DIELECTRICWITHSTANDCHARACTERISTICS
THERMALCHARACTERISTICS
MECHANICALSPECIFICATIONS
Parameter
Storage
Operating
Units Notes
E
-20 to +105
-10 to + 100
°C
C
-40 to +105
-25 to + 100
°C
I
-55 to +105
-40 to + 100
°C
M
-65 to +105
-55 to + 100
°C
PRODUCTGRADETEMPERATURES
CONVERTERSPECIFICATIONS(cont.)


Similar Part No. - VE-J63-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results

Similar Description - VE-J63-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
   200 Watt Half-Brick DC - DC Power Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com