Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

112JE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 112JE
Description  Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

112JE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  112JE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
51
St andard p ar t number S for Litt L e d emon S erie S
Little Demon®
Carbon Composition Molded
OD/OF Series (5% Tol.) OA Series (10%)
Dimensions (in. / mm)
Max. Dielectric
Series Wattage Ohms
Tol.
Length
Max Diam. Voltage VAC
Lead Dia.
OD
0.25 2.2-5.6M ±5% 0.276 / 7.0 0.098 / 2.5 250 500 0.024/0.60
OF
0.50 2.2-20M ±5% 0.406 /10.3 0.150 / 3.8 350 700 0.028/0.70
OA
1.00 2.2-1M ±10% 0.591 /15.0 0.236 / 6.0 500 1000 0.035/0.92
orderin G info
�������
Series
OD
OF
OA
Tolerance
OD, OF: J= 5%
OA:
K = 10%
Ohms
68G =
6.8
680 =
68
681 =
680
682 =
6,800
683 = 68,000
684 = 680,000
RoHS compliant
L
D
1.35" /
28.83mm
(OA: 1.18" /
30.0mm)
Ohmite’s Little Demons are
small, reliable carbon composi-
tion resistors with exceptional
strength. They are made tough
by a molding process that
combines the terminals, insula-
tion and resistive element into
an integrated unit. Along with
their small size, Little Demons
perform with low noise, dissi-
pate heat rapidly and offer high
temperature stability.
Color codes are read-
able even after
prolonged use
thanks to a
very durable
coating that
resists abra-
sions and chip-
ping normally
associated
with automatic
insertion equip-
ment.
Fe A T ure S
• Molded insulation for high dielec-
tric strength.
• Rugged construction.
• High surge capabilities.
• Comparable to “Mil” RC07,
RC20, and RC32 types.
Spe C i F i CA T i O n S
Material
Terminals: Solder-coated copper
terminal.
Body: Molded Phenolic
Electrical
Tolerance:
±5% (OD/OF);
±10% (OA)
Derating:
Linearly from
100% @ +70°C to
0% @ 130°C
1
10
100
1,000
10,000
100,000
Pulse width (s)
1
10-1
10-2
10-3
10-4
10-5
10-6
10-7
Single Pulse Power Capability
OF
OD
p AC k A ging
For complete Little Demon tape and reel dimensions,
see:
http://www.ohmite.com/info/little-demon
Tape/Reel
OD
OF
Qty./reel
5000
3000
Reel size (mm)
260
260
Qty./carton
40,000
24,000
Gross carton wt. (kg)
12
13
Carton size (m3)
0.04
0.04
Ammo Box
OD
OF
Tape width (mm)
52
52
Qty./box
2000
2000
Qty./carton
30,000
30,000
Gross carton wt. (kg)
10
16
Carton size (m3)
0.03
0.05
75mm
±5
60mm
±5 (OD)
65mm
±5 (OF)
275mm
±5 (OD)
455mm
±5 (OF)
52.4mm +1.6
-1.4
6mm
±.5
5.08mm
±.38
0.5mm max.
L1
L2
L1 – L2 = 1mm max.
1mm max.
3.2mm min.
280mm
(ref.)
260mm
±5
3mm
75mm
±5
2.2 ––22GJE   
2.4 ––24GJE  
2.7 ––27GJE   
3 ––30GJE  
3.3 ––33GJE   
3.6 ––36GJE  
3.9 ––39GJE   
4.3 ––43GJE  
4.7 ––47GJE   
5.1 ––51GJE  
5.6 ––56GJE   
6.2 ––62GJE  
6.8 ––68GJE   
7.5 ––75GJE  
8.2 ––82GJE   
9.1 ––91GJE  
10 ––100JE   
11 ––110JE  
12 ––120JE   
13 ––130JE  
15 ––150JE   
16 ––160JE  
18 ––180JE   
20 ––200JE  
22 ––220JE   
24 ––240JE  
27 ––270JE   
30 ––300JE  
Wattage
part no.
Prefix 
Suffix
33 ––330JE   
36 ––360JE  
39 ––390JE   
43 ––430JE  
47 ––470JE   
51 ––510JE  
56 ––560JE   
62 ––620JE  
68 ––680JE   
75 ––750JE  
82 ––820JE   
91 ––910JE  
100 ––101JE   
110 ––111JE  
120 ––121JE   
130 ––131JE  
150 ––151JE   
160 ––161JE  
180 ––181JE   
200 ––201JE  
220 ––221JE   
240 ––241JE  
270 ––271JE   
300 ––301JE  
330 ––331JE   
360 ––361JE  
390 ––391JE   
430 ––431JE  
470 ––471JE   
510 ––511JE  
560 ––561JE   
620 ––621JE  
680 ––681JE   
750 ––751JE  
820 ––821JE   
910 ––911JE  
1000 ––102JE   
1100 ––112JE  
1200 ––122JE   
1300 ––132JE  
1500 ––152JE   
1600 ––162JE  
1800 ––182JE   
2000 ––202JE  
2200 ––222JE   
2400 ––242JE  
2700 ––272JE   
3000 ––302JE  
3300 ––332JE   
3600 ––362JE  
3900 ––392JE   
4300 ––432JE  
4700 ––472JE   
5100 ––512JE  
5600 ––562JE   
6200 ––622JE  
6800 ––682JE   
7500 ––752JE  
8200 ––822JE   
9100 ––912JE  
10,000 ––103JE   
11,000 ––113JE  
12,000 ––123JE   
13,000 ––133JE  
15,000 ––153JE   
16,000 ––163JE  
18,000 ––183JE   
20,000 ––203JE  
22,000 ––223JE   
24,000 ––243JE  
27,000 ––273JE   
30,000 ––303JE  
33,000 ––333JE   
36,000 ––363JE  
39,000 ––393JE   
43,000 ––433JE  
47,000 ––473JE   
51,000 ––513JE  
56,000 ––563JE   
62,000 ––623JE  
68,000 ––683JE   
75,000 ––753JE  
82,000 ––823JE   
91,000 ––913JE  
100,000 ––104JE   
110,000 ––114JE  
120,000 ––124JE   
130,000 ––134JE  
150,000 ––154JE   
160,000 ––164JE  
180,000 ––184JE   
200,000 ––204JE  
220,000 ––224JE   
240,000 ––244JE  
270,000 ––274JE   
300,000 ––304JE  
330,000 ––334JE   
360,000 ––364JE  
390,000 ––394JE   
430,000 ––434JE  
470,000 ––474JE   
510,000 ––514JE  
560,000 ––564JE   
620,000 ––624JE  
680,000 ––684JE   
750,000 ––754JE  
820,000 ––824JE   
910,000 ––914JE  
1M ––105JE
1.1M ––115JE  
1.2M ––125JE  
1.3M ––135JE  
1.5M ––155JE  
1.6M ––165JE  
1.8M ––185JE  
2.0M ––205JE  
2.2M ––225JE  
2.4M ––245JE  
2.7M ––275JE  
3.0M ––305JE  
3.3M ––335JE  
3.6M ––365JE  
3.9M ––395JE  
4.3M ––435JE  
4.7M ––475JE  
5.1M ––515JE  
5.6M ––565JE  
6.2M ––625JE
6.8M ––685JE
7.5M ––755JE
8.2M ––825JE
9.1M ––915JE
10M ––106JE
11M ––116JE
12M ––126JE
13M ––136JE
15M ––156JE
16M ––166JE
18M ––186JE
20M ––206JE
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
* Shaded area: Change “J” in Suffix to “K”


Similar Part No. - 112JE

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
112J-TXAR-R01 ATTEND-112J-TXAR-R01 Datasheet
306Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 112J-TXAR-R01.
2013/10/31
More results

Similar Description - 112JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
7071 OHMITE-7071 Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OD103JE OHMITE-OD103JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF820JE OHMITE-OF820JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF102JE OHMITE-OF102JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF100JE OHMITE-OF100JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF750JE OHMITE-OF750JE Datasheet
306Kb / 2P
   Little Demon Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
OD471JE OHMITE-OD471JE Datasheet
226Kb / 2P
   OD/OF/OA Series
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
Ohmite Mfg. Co.
RW1S0BA OHMITE-RW1S0BA Datasheet
288Kb / 4P
   RC Series carbon composition
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com