Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP77N6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP77N6F6
Description  N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP77N6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP77N6F6 Datasheet HTML 1Page - STMicroelectronics STP77N6F6 Datasheet HTML 2Page - STMicroelectronics STP77N6F6 Datasheet HTML 3Page - STMicroelectronics STP77N6F6 Datasheet HTML 4Page - STMicroelectronics STP77N6F6 Datasheet HTML 5Page - STMicroelectronics STP77N6F6 Datasheet HTML 6Page - STMicroelectronics STP77N6F6 Datasheet HTML 7Page - STMicroelectronics STP77N6F6 Datasheet HTML 8Page - STMicroelectronics STP77N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID024067 Rev 2
3/13
STP77N6F6
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID
(1)
1.
This value is rated according to Rthj-c
Drain current (continuous) at Tc = 25 °C
77
A
ID
(1)
Drain current (continuous) at Tc = 100 °C
55
A
IDM
(2)
2.
Pulse width is limited by safe operating area
Drain current (pulsed)
308
A
P
TOT
(1)
Total dissipation at Tc = 25 °C
80
W
TJ Pstg
Operating junction temperature
storage temperature
-55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-c
Thermal resistance junction-case
1.88
°C/W
Rthj-a
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu, t < 10 sec
Thermal resistance junction-ambient
62.5
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, repetitive or not-repetitive
(pulse width limited by maximum junction
temperature)
38.5
A
EAS
Single pulse avalanche energy
(TJ = 25 °C, ID = IAV, VDD = 43 V)
152
mJ


Similar Part No. - STP77N6F6

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP70L60 DOINGTER-STP70L60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP70N06FI VBSEMI-STP70N06FI Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STP70N10F4 STMICROELECTRONICS-STP70N10F4 Datasheet
974Kb / 18P
   N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
logo
VBsemi Electronics Co.,...
STP70N10F4 VBSEMI-STP70N10F4 Datasheet
2Mb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results

Similar Description - STP77N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
   P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
   P-channel 60 V, 0.13 廓 typ., 3 A STripFET??VI DeepGATE??Power MOSFET in a SOT-223 package
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a DPAK package
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com