Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI76NF75 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI76NF75
Description  N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI76NF75 Datasheet(HTML) 4 Page - STMicroelectronics

  STI76NF75 Datasheet HTML 1Page - STMicroelectronics STI76NF75 Datasheet HTML 2Page - STMicroelectronics STI76NF75 Datasheet HTML 3Page - STMicroelectronics STI76NF75 Datasheet HTML 4Page - STMicroelectronics STI76NF75 Datasheet HTML 5Page - STMicroelectronics STI76NF75 Datasheet HTML 6Page - STMicroelectronics STI76NF75 Datasheet HTML 7Page - STMicroelectronics STI76NF75 Datasheet HTML 8Page - STMicroelectronics STI76NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB76NF75, STI76NF75, STP76NF75
4/15
Doc ID 13780 Rev 2
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
75
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS , ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 40 A
0.0095
0.011
W
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID = 40 A
-
20
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f = 1 MHz,
VGS = 0
-
3700
730
240
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 60 V, ID = 80 A
VGS =10 V
-
117
27
47
160
nC
nC
nC


Similar Part No. - STI76NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
   N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
September 2009
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
   Low-cost HDTV set-top box decoder for H.264
STI7105 STMICROELECTRONICS-STI7105 Datasheet
143Kb / 11P
   Low cost advanced HD decoding IC for STB
STI7105ZUB STMICROELECTRONICS-STI7105ZUB Datasheet
143Kb / 11P
   Low cost advanced HD decoding IC for STB
More results

Similar Description - STI76NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
   N-channel 60V - 0.014廓 - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB55NF03L-1 STMICROELECTRONICS-STB55NF03L-1 Datasheet
338Kb / 11P
   N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
March 2002
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com