Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL10153J Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL10153J
Description  RADIAL LEADED INDUCTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL10153J Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL10153J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LHL10153J Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_leaded_LH_pack_e-E02R01
LHLP10TB
Type
Symbol
Dimensions
Symbol
Dimensions
LHLP10
D
φ11.0 max
(φ0.433 max)
h
0.0±2.0
(0.0±0.079)
H
1
32.0 max
(1.26 max)
W
18.0+1.0/-0.5
(0.709+0.039/-0.020)
H
18.0+2.0/-0.0
(0.709+0.079/-0.000)
W
0
12.5 min
(0.492 min)
H
2
11.0 max
(0.433 max)
W
1
9.0±0.5
(0.354±0.020)
P
12.7±1.0
(0.500±0.039)
W
2
3.0 max※2
(0.118 max)
P
0
12.7±0.3※1
(0.500±0.012)
D
0
φ4.0±0.2
(φ0.158±0.008)
P
1
3.85±0.7
(0.152±0.028)
φd
φ0.6±0.05
(φ0.024±0.002)
P
2
6.35±1.3
(0.250±0.051)
t
0.6±0.3
(0.024±0.012)
F
5.0+0.8/-0.2
(0.197+0.031/-0.008)
Unit: mm(inch)
※1 Accumulated error for 20 pitches is 1mm.
※2 Bonding tape must not protrude from the base tape.
LHLC08, LHLC10
Type
Dimensions
φD(max)
H
2(max)
F
φd
LHLC08
9.0
(0.354)
9.5
(0.374)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
LHLC10
11.0
(0.433)
14.0
(0.551)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
Unit:mm(inch)
*Measured at the base of the leads.


Similar Part No. - LHL10153J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL10153J TAIYO-YUDEN-LHL10153J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL10153J TAIYO-YUDEN-LHL10153J Datasheet
502Kb / 21P
   RADIAL LEADED INDUCTORS
LHL10153J TAIYO-YUDEN-LHL10153J Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL10153J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com