Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGDL6NC60DI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGDL6NC60DI
Description  6 A, 600 V hyper fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGDL6NC60DI Datasheet(HTML) 3 Page - STMicroelectronics

  STGDL6NC60DI Datasheet HTML 1Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 2Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 3Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 4Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 5Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 6Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 7Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 8Page - STMicroelectronics STGDL6NC60DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STGBL6NC60DI, STGDL6NC60DI, STGPL6NC60DI, STGFL6NC60DI
Electrical ratings
Doc ID 15536 Rev 2
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220
D²PAK
TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25 °C
13
14
7
A
IC
(1)
Collector current (continuous) at TC = 100 °C
5
6
3
A
ICL
(2)
2.
Vclamp = 80%,(VCES), Tj =150°C, RG = 10 Ω, VGE = 15 V
Turn-off latching current
18
A
ICP
(3)
3.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
18
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge non repetitive forward current tp=10ms
sinusoidal
25
A
PTOT
Total dissipation at TC = 25 °C
50
56
22
W
VISO
Isolation withstand voltage (RMS) from all three
leads to external heat sink
(t=1 s; TC=25 °C)
--
--
2500
V
Tj
Operating junction temperature
– 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
D²PAK
TO-220FP
Rthj-case
Thermal resistance junction-case IGBT max.
2.5
2.2
5.6
°C/W
Thermal resistance junction-case diode max.
4.5
4
7
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
100
62.5
°C/W
I
C TC
()
T
jmax
() TC
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
----------------------------------------------------------------------------------------------------------
=


Similar Part No. - STGDL6NC60DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGDL6NC60D STMICROELECTRONICS-STGDL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGDL6NC60D STMICROELECTRONICS-STGDL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGDL6NC60DT4 STMICROELECTRONICS-STGDL6NC60DT4 Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
More results

Similar Description - STGDL6NC60DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com