Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVQ12S30R7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OVQ12S30R7
Description  Flexible LED Light Strip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVQ12S30R7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OVQ12S30R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers OVQ12S30R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers OVQ12S30R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue E 08/2012
Page 2 of 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Flexible LED Light Strip
OVQ12S30x7
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +80°C
Operating Temperature Range
-30 ~ +50°C
12 V
Power Dissipation
Red / Yellow
2.7 W
Green / Blue
White/ Warm White
2.3 W
LED Junction Temperature
125°C
Input Voltage (DC)
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Flammability Rating of the Flex Circuit
V0
Mounting Surface Temperature
60°C
Typical Specification (T
A = 25
o C unless otherwise noted)
Input Voltage (DC)*
12 V
Power Consumption
Red / Yellow
1.9 W
Green / Blue
White/ Warm White
1.6 W
Beam Angle
120°
Net Weight
5 g
* Exceeding the typical input voltage can damage the LEDs and reduce the operating life of the product.
Product Circuit
R2
R1
LED
LED
LED
R9
LED
R3
LED
LED
LED
LED
LED
LED
LED
LED
R4
GND
LED
LED
R5
LED
LED
+12VDC
R6
LED
R8
LED
LED
LED
LED
LED
LED
LED
LED
LED
LED
R10
LED
LED
LED
R7


Similar Part No. - OVQ12S30R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
logo
TT Electronics.
OVQ12S30R7 TTELEC-OVQ12S30R7 Datasheet
706Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
OVQ12S30R7 TTELEC-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
More results

Similar Description - OVQ12S30R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
logo
TT Electronics.
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
logo
BetLux Electronics
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
   LED strip light, Mono color, Top LED type, Flexible
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-F3-96 BETLUX-TLS-F3-96 Datasheet
54Kb / 1P
   Flexible LED strip light, Mono color, flat top LED type
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible, Water Proof
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com