Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5225165BLTT-B6 Datasheet(PDF) 9 Page - Elpida Memory

Part # HM5225165BLTT-B6
Description  256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword16-bit4-bank/8-Mword8-bit4-bank /16-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5225165BLTT-B6 Datasheet(HTML) 9 Page - Elpida Memory

Back Button HM5225165BLTT-B6 Datasheet HTML 5Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 6Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 7Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 8Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 9Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 10Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 11Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 12Page - Elpida Memory HM5225165BLTT-B6 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
HM5225165B/HM5225805B/HM5225405B-75/A6/B6
Data Sheet E0082H10
9
Pin Functions
CLK (input pin): CLK is the master clock input to this pin. The other input signals are referred at CLK
rising edge.
CS (input pin): When CS is Low, the command input cycle becomes valid. When CS is High, all inputs are
ignored. However, internal operations (bank active, burst operations, etc.) are held.
RAS, CAS, and WE (input pins): Although these pin names are the same as those of conventional DRAMs,
they function in a different way. These pins define operation commands (read, write, etc.) depending on the
combination of their voltage levels. For details, refer to the command operation section.
A0 to A12 (input pins): Row address (AX0 to AX12) is determined by A0 to A12 level at the bank active
command cycle CLK rising edge.
Column address (AY0 to AY8; HM5225165B, AY0 to AY9;
HM5225805B, AY0 to AY9, AY11; HM5225405B) is determined by A0 to A8, A9 or A11 (A8;
HM5225165B, A9; HM5225805B, A9, A11; HM5225405B) level at the read or write command cycle CLK
rising edge. And this column address becomes burst access start address. A10 defines the precharge mode.
When A10 = High at the precharge command cycle, all banks are precharged. But when A10 = Low at the
precharge command cycle, only the bank that is selected by BA0/BA1 (BS) is precharged. For details refer to
the command operation section.
BA0/BA1 (input pin): BA0/BA1 are bank select signal (BS). The memory array of the HM5225165B,
HM5225805B, the HM5225405B is divided into bank 0, bank 1, bank 2 and bank 3. HM5225165B contain
8192-row
× 512-column × 16-bit. HM5225805B contain 8192-row × 1024-column× 8-bit. HM5225405B
contain 8192-row
× 2048-column × 4-bit. If BA0 is Low and BA1 is Low, bank 0 is selected. If BA0 is Low
and BA1 is High, bank 1 is selected. If BA0 is High and BA1 is Low, bank 2 is selected. If BA0 is High and
BA1 is High, bank 3 is selected.
CKE (input pin): This pin determines whether or not the next CLK is valid. If CKE is High, the next CLK
rising edge is valid. If CKE is Low, the next CLK rising edge is invalid. This pin is used for power-down
mode, clock suspend mode and self refresh mode.
DQM, DQMU/DQML (input pins): DQM, DQMU/DQML controls input/output buffers.
Read operation: If DQM, DQMU/DQML is High, the output buffer becomes High-Z. If the DQM,
DQMU/DQML is Low, the output buffer becomes Low-Z. (The latency of DQM, DQMU/DQML during
reading is 2 clocks.)
Write operation: If DQM, DQMU/DQML is High, the previous data is held (the new data is not written). If
DQM, DQMU/DQML is Low, the data is written. (The latency of DQM, DQMU/DQML during writing is 0
clock.)
DQ0 to DQ15 (DQ pins): Data is input to and output from these pins (DQ0 to DQ15; HM5225165B, DQ0
to DQ7; HM5225805B, DQ0 to DQ3; HM5225405B).
V
CC and VCCQ (power supply pins):
3.3 V is applied. (V
CC is for the internal circuit and VCCQ is for the
output buffer.)


Similar Part No. - HM5225165BLTT-B6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5225325F-B60 HITACHI-HM5225325F-B60 Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5225645F-B60 HITACHI-HM5225645F-B60 Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
More results

Similar Description - HM5225165BLTT-B6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
logo
Hitachi Semiconductor
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com