Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-000035-030000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-030000
Description  GaN HEMT Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-030000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000035-030000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-030000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaN HEMT Power Transistor
30W CW, 30 MHz - 3.5 GHz
MAGX-000035-030000
Production V1
10 Feb 12
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
30
35
40
45
50
55
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
Pin (dBm)
Pout vs Pin (f=1.5 GHz)
-52.00
-47.00
-42.00
-37.00
-32.00
-27.00
-22.00
-17.00
-12.00
0.10
1.00
10.00
100.00
Pout-avg (W)
IMD3(Idq=100mA)
IMD3(Idq=150mA)
IMD3(Idq=200mA)
IMD3(Idq=250mA)


Similar Part No. - MAGX-000035-030000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-030000 MA-COM-MAGX-000035-030000 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor 30W CW, 30 MHz - 3.5 GHz
MAGX-000035-030000 MA-COM-MAGX-000035-030000_15 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor
More results

Similar Description - MAGX-000035-030000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
MAGX-000035-030000 MA-COM-MAGX-000035-030000_15 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00_15 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com