Electronic Components Datasheet Search |
|
5308058 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
5308058 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 16 page 528 SENSICK CATALOGUE Lichtschranken Baureihe WL 27-2 Fibre-optic systems Fibre-optic systems: Bending light the easy way Assignment of systems to fibre- optic cable types: s LL3-D: Standard proximity system (from page 530) – tip adapters as accessories, – plastic fibres and jackets, – in most cases can be cut to any length, – approx. 25 variants, each optimised for different physical loads and installation dimensions. s LL3-T: Standard through-beam system (from page 532) – tip adapters as accessories, – plastic fibres and jackets, – in most cases can be cut to any length, – approx. 25 variants, each optimised for different physical loads and installation dimensions. s LT: Proximity system (from page 552) – glass fibres in chromium- plated metal jackets. s LM: Through-beam system (from page 552) – glass fibres in metal jackets and PVC coating. s LBS: Proximity system (from page 548) – glass fibres in stainless steel jackets, – Ambient operating tempera- ture –58 to +315 °C. s LIS: Through-beam system (from page 548) – glass fibres in stainless steel jackets, – Ambient operating tempera- ture –58 to +315 °C. s LLUV: Proximity system (from page 555) – UV fibre-optic cable. SSensorswhicharetobeusedin fully automatic production processes must be compact and extremely powerful. However, many situations demand more complex solutions. For example if not enough space is available, or a reduction in weight is necessary. Also if the environment of the device is subject to severe vibra- tions, electromagnetic interference or excessive temperatures. Once again, SICK has the answer: fibre-optic systems. SICK offers an extensive range of both pre- assembled fibre-optic cables and cables which can be adapted and cut to length to meet your own specific needs. Cables are avail- able with plastic or metal jacket, plug or screw connections, and a wide selection of different end sleeves. The different types of fibre-optic cables are distinguished by their jacket and the number, as well as arrangement, cross section and material of the optical fibres. Glass fibre-optic cables can be used in temperatures of up to 315 °C. Fibre-optic cables with plastic fibres can usually be shortened to any length and their bending radii are smaller. Fibre-optic cables Proximity system Fibre-optic cables Through-beam system |
Similar Part No. - 5308058 |
|
Similar Description - 5308058 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |