Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFL-011013 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-011013
Description  Broadband CATV Diplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-011013 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFL-011013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-011013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-011013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-011013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAFL-011013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Broadband CATV Diplexer
5 - 42 / 54 - 1000 MHz
Rev.V1
MAFL-011013
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
75 Ohm
SMT unit
RoHS compliant
Excellent temperature stability
Excellent repeatability
Description
M/A-COM’s MAFL-011013 is a low cost, SMT diplex
filter designed for CATV, DTV, DBS, cable modem
Pin Configuration
Function
Pin number
Ground
1, 2, 4, 5, 7, 8, 9, 11
Low pass port
3
High pass port
6
Common
10
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC
Parameter
Units
Min.
Typ.
Max.
Insertion loss
5-42 MHz
54-1000 MHz
dB
dB
0.5
0.5
1.1
1.2
Isolation
5-37 MHz
37-42 MHz
42-54 MHz
54-100 MHz
100-600 MHz
600-1000 MHz
dB
dB
dB
dB
dB
dB
50
43
16
45
50
45
55
48
19
50
55
50
Return loss
5-42 MHz
54-1000 MHz
dB
dB
12
12
16
16
Electrical specifications: TA = 25°C, Z0 = 75
Recommended Maximum Ratings
Parameter
Absolute maximum
RF power
250mW
DC current
30mA
Operating temperature
-40°C to +85°C
Storage temperature
-40°C to +85°C


Similar Part No. - MAFL-011013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
More results

Similar Description - MAFL-011013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011025 MA-COM-MAFL-011025 Datasheet
729Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-011024 MA-COM-MAFL-011024 Datasheet
730Kb / 5P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
logo
Tyco Electronics
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com