Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R128FKE6D-840 Datasheet(PDF) 1 Page - Elpida Memory

Part # MC-4R128FKE6D-840
Description  Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R128FKE6D-840 Datasheet(HTML) 1 Page - Elpida Memory

  MC-4R128FKE6D-840 Datasheet HTML 1Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 2Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 3Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 4Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 5Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 6Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 7Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 8Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
MC-4R128FKE6D-840
Direct Rambus DRAM RIMMTM Module
128M-BYTE (64M-WORD x 16-BIT)
DATA SHEET
Document No. E0261N10 (Ver. 1.0)
Date Published April 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory,Inc. 2002
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for
use in a broad range of applications including computer memory, personal computers, workstations, and other
applications where high bandwidth and low latency are required.
MC-4R128FKE6D modules consists of four 288M Direct Rambus DRAM (Direct RDRAM) devices (
µPD488588).
These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling
Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and
board design technologies.
Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes).
The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous,
randomly addressed memory transactions. The separate control and data buses with independent row and column
control yield over 95 % bus efficiency. The Direct RDRAM's 32 banks support up to four simultaneous transactions
per device.
Features
• 184 edge connector pads with 1mm pad spacing
• 128 MB Direct RDRAM storage
• Each RDRAMhas 32 banks, for 128 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support


Similar Part No. - MC-4R128FKE6D-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKE6D-845 ELPIDA-MC-4R128FKE6D-845 Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
More results

Similar Description - MC-4R128FKE6D-840

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com