Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532DA727XFA Datasheet(PDF) 8 Page - Elpida Memory

Part # MC-4532DA727XFA
Description  32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532DA727XFA Datasheet(HTML) 8 Page - Elpida Memory

Back Button MC-4532DA727XFA Datasheet HTML 4Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 5Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 6Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 7Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 8Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 9Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 10Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 11Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet E0279N10 (Ver. 1.0)
8
MC-4532DA727XFA
Synchronous Characteristics
Parameter
Symbol
-A 75
Unit
Note
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
7.5
(133 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
5.4
ns
1
/CAS latency = 2
tAC2
6.0
ns
1
Input clock frequency
50
133
MHz
Input CLK duty cycle
45
55
%
Data-out hold time
tOH
2.7
ns
1
Data-out low-impedance time
tLZ
0
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3.0
5.4
ns
/CAS latency = 2
tHZ2
3.0
6.0
ns
Data-in setup time
tDS
1.5
ns
Data-in hold time
tDH
0.8
ns
Address setup time
tAS
1.5
ns
Address hold time
tAH
0.8
ns
CKE setup time
tCKS
1.5
ns
CKE hold time
tCKH
0.8
ns
CKE setup time (Power down exit)
tCKSP
1.5
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMS
1.5
ns
DQMB0 - DQMB7) setup time
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMH
0.8
ns
DQMB0 - DQMB7) hold time
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.


Similar Part No. - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727XFA-A75 ELPIDA-MC-4532DA727XFA-A75 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Similar Description - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com