Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532CD647XFA-A75 Datasheet(PDF) 9 Page - Elpida Memory

Part # MC-4532CD647XFA-A75
Description  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XFA-A75 Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-4532CD647XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 9Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 10Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 11Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 12Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
MC-4532CD647XFA
Data Sheet E0230N20 (Ver. 2.0)
Asynchronous Characteristics
Parameter
Symbol
-A 75
Unit
Note
MIN.
MAX.
ACT to REF/ACT command period (operation)
tRC
67.5
ns
REF to REF/ACT command period (refresh)
tRC1
67.5
ns
ACT to PRE command period
tRAS
45
120,000
ns
PRE to ACT command period
tRP
20
ns
Delay time ACT to READ/WRITE command
tRCD
20
ns
ACT(one) to ACT(another) command period
tRRD
15
ns
Data-in to PRE command period
tDPL
8
ns
Data-in to ACT(REF) command
/CAS latency = 3
tDAL3
1CLK+22.5
ns
1
period (Auto precharge)
/CAS latency = 2
tDAL2
1CLK+20
ns
1
Mode register set cycle time
tRSC
2
CLK
Transition time
tT
0.5
30
ns
Refresh time (4,096 refresh cycles)
tREF
64
ms
Note This device can satisfy the tDAL3 spec of 1CLK+20 ns for up to and including 125 MHz operation.


Similar Part No. - MC-4532CD647XFA-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XF-A75 ELPIDA-MC-4532CD647XF-A75 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4532CD647XFA-A75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com