Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UW-DLN-3C Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # UW-DLN-3C
Description  ispDOWNLOAD Cables For Programming Lattice ISP Devices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

UW-DLN-3C Datasheet(HTML) 4 Page - Lattice Semiconductor

  UW-DLN-3C Datasheet HTML 1Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 2Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 3Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 4Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 5Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 6Page - Lattice Semiconductor UW-DLN-3C Datasheet HTML 7Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Lattice Semiconductor
ispDOWNLOAD Cables
4
Table 3. Recommend Cable Connections
Connecting the ispDOWNLOAD Cable
The target board must be un-powered when connecting, disconnecting, or reconnecting the ispDOWNLOAD
Cable. Always connect the ispDOWNLOAD Cable’s GND pin (black wire), before connecting any other JTAG pins.
Failure to follow these procedures can result in damage to the target programmable device.
ispDOWNLOAD Cable TRST Pin
Connecting the board TRST pin to the cable TRST pin is not recommended. Instead, connect the board TRST pin
to Vcc. If the board TRST pin is connected to the cable TRST pin, instruct ispVM to drive the TRST pin high as fol-
lows:
1.
Select the Options menu item
2.
Select Cable and I/O Port Setup
3.
Check the TRST/Reset Pin Connected check box
4.
Select the Set High radio button
If the proper option is not selected, the TRST pin will be driven low by ispVM. Consequently, the BSCAN chain will
not work because the chain will be locked into RESET state.
ispDOWNLOAD Cable ispEN Pin
The following pins should be grounded:
• BSCAN pin of the 2000VE devices
• ENABLE pin of MACH4A3/5-128/64, MACH4A3/5-64/64 and MACH4A3/5-256/128 devices.
Device Family
TCK, TMS,
TDI and TDO
ispEN/
ENABLE
1
PROGRAMN
6/
PRGM
TRST
2, 6
DONE
3, 6
INITN
3, 6
LatticeSC/M
Mandatory
N/A
Do Not Connect
N/A
Optional
Optional
LatticeECP2/M
Mandatory
N/A
Do Not Connect
N/A
Optional
Optional
LatticeXP™, LatticeXP2™
Mandatory
N/A
Do Not Connect
N/A
Optional
Optional
LatticeECP/EC
Mandatory
N/A
Do Not Connect
N/A
Optional
Optional
MachXO™
Mandatory
N/A
N/A
N/A
N/A
N/A
ORCA/FPSC
Mandatory
N/A
Mandatory
N/A
Optional
Optional
ispXPGA
®
Mandatory
N/A
Optional
N/A
Optional
Optional
ispXPLD™
Mandatory
N/A
Optional
N/A
Optional
Optional
ispMACH
® 4000
Mandatory
N/A
N/A
N/A
N/A
N/A
ispMACH/ispLSI
® 5000
Mandatory
N/A
N/A
N/A
N/A
N/A
MACH
®4A4
Mandatory
Optional
N/A
Optional
N/A
N/A
ispGDX2™
Mandatory
N/A
N/A
N/A
N/A
N/A
ispClock™
Mandatory
N/A
N/A
N/A
5
N/A
N/A
ispPAC Power Manager/
Power Manager II
Mandatory
N/A
N/A
Optional
5
N/A
N/A
ispPAC
Mandatory
N/A
N/A
N/A
5
N/A
N/A
1. Please refer to the ispDOWNLOAD Cable ispEN Pin section below for detailed information on connecting the ispEN/ENABLE pin.
2. Please refer to the ispDOWNLOAD Cable TRST Pin section below for detailed information on connecting the TRST pin.
3. The DONE and INITN signals are only available on the ispDOWNLOAD USB cable. These signals are inputs to the cable and can be used
to help verify device configuration.
4. Please refer to the device data sheet. Not all packages have the ENABLE or TRST pin.
5. When using PAC-Designer software to program ispPAC devices, do not connect this pin.
6. When using these connections, be sure to select the correct settings in the Cable and I/O Port Setup dialog in the ispVM System software.


Similar Part No. - UW-DLN-3C

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UW-10 WILLOW-UW-10 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
logo
Riedon Powertron
UW-10 RIEDON-UW-10 Datasheet
272Kb / 2P
   Ceramic Wirewound Resistors
logo
Willow Technologies Ltd
UW-15 WILLOW-UW-15 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
logo
Riedon Powertron
UW-15 RIEDON-UW-15 Datasheet
272Kb / 2P
   Ceramic Wirewound Resistors
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
More results

Similar Description - UW-DLN-3C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN136 SILABS-AN136 Datasheet
132Kb / 4P
   PRODUCTION PROGRAMMING OPTIONS FOR SILICON LABS DEVICES
logo
Lattice Semiconductor
TN1112 LATTICE-TN1112 Datasheet
471Kb / 6P
   Input Hysteresis in Lattice CPLD and FPGA Devices
logo
ATMEL Corporation
AT89C51RE2 ATMEL-AT89C51RE2_14 Datasheet
2Mb / 187P
   ISP (In-System Programming) Using Standard VCC Power Supply
logo
Satel
DB9F SATEL-DB9F Datasheet
45Kb / 2P
   CABLE SET FOR PROGRAMMING DEVICES WITH RS-232 PORT
logo
Microsemi Corporation
AGL1000V5-FG484I MICROSEMI-AGL1000V5-FG484I Datasheet
11Mb / 250P
   Low Power, High Capacity, Reprogrammable Flash Technology, In-System Programming (ISP) and Security
logo
PHOENIX CONTACT
2725147 PHOENIX-2725147 Datasheet
50Kb / 2P
   Fiber cutter for assembling polymer fiber cables for connecting INTERBUS Rugged Line devices
logo
Lattice Semiconductor
FPGA-DS-02074-3.1 LATTICE-FPGA-DS-02074-3.1 Datasheet
5Mb / 147P
   Lattice ECP3 Family Data Sheet
July 2021
logo
Exar Corporation
AN-206 EXAR-AN-206 Datasheet
188Kb / 8P
   EEPROM PROGRAMMING FOR PCIe UARTs
logo
Maxim Integrated Produc...
MAXQUSBJTAG-KIT MAXIM-MAXQUSBJTAG-KIT Datasheet
1Mb / 8P
   Programming Interface for MAXQ Microcontrollers
Rev 1; 11/10
logo
Renesas Technology Corp
E8A RENESAS-E8A Datasheet
141Kb / 12P
   On Board Programming for QzROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com