Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HW-USBN-2A Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # HW-USBN-2A
Description  ispDOWNLOAD Cables For Programming Lattice ISP Devices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

HW-USBN-2A Datasheet(HTML) 2 Page - Lattice Semiconductor

  HW-USBN-2A Datasheet HTML 1Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 2Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 3Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 4Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 5Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 6Page - Lattice Semiconductor HW-USBN-2A Datasheet HTML 7Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Lattice Semiconductor
ispDOWNLOAD Cables
2
Figure 1. ispDOWNLOAD Cable In-System Programming Interface for the PC (HW-USB-1A or HW-USB-2A)
1
1. Lattice PAC-Designer
® software does not support programming with USB cables. To program ispPAC devices with these cables, use the
ispVM System software.
Figure 2. ispDOWNLOAD Cable In-System Programming Interface for the PC (HW-DLN-3C and Equivalents)
1
1. HW7265-DL3, HW7265-DL3A, HW-DL-3B, HW-DL-3C and HW-DLN-3C are functionally equivalent products.
Figure 3. ispDOWNLOAD Cable In-System Programming Interface for the PC (pDS4102-DL2 or pDS4102-DL2A)
Figure 4. ispDOWNLOAD Cable In-System Programming Interface for the PC (HW7265-DL2 or HW7265-DL2A)
1. For reference purposes, the 2x10 connector on the HW7265-DL2 or HW7265-DL2A is equivalent to Tyco 102387-1. This will interface to
standard 100-mil spacing 2x5 headers, or a 2x5 keyed, recessed male connector such as the 3M N2510-5002RB.
Programming Software
ispVM System is the preferred programming management software tool for all Lattice devices and download
cables. The latest version of ispVM System is always available for download from the Lattice web site at
www.latticesemi.com/software.
To
System
Board
To
PC
6'
Function
VCC
SDO/TDO
SDI/TDI
ispEN/Enable/PROG
TRST/DONE
MODE/TMS
GND
SCLK/TCK
INIT
Color
Red
Brown
Orange
Yellow
Green
Purple
Black
White
Blue
HW-USB-1A
Function
VCC
SDO/TDO
SDI/TDI
ispEN/Enable/Prog
TRST
MODE/TMS
GND
SCLK/TCK
To
System
Board
Color
Red
Brown
Orange
Yellow
Green
Purple
Black
White
6'
25-pin
Parallel
Port
Adapter
HW7265-DL3 and HW7265-DL3A – Grey Housing with RJ-45 Connector
Other Cables are Labeled with Part Number
To
PC
6'
1
2
3
4
5
Function
Pin #
6
7
8
.01
µf*
Capacitor
End View
Note: Capacitor Recommended on System Board
25-pin
Parallel
Port
Adapter
RJ-45 Connector
Eight Positions
pDS4102-DL2 – Blue Housing
pDS4102-DL2A – Grey Housing
.100" Center-Spacing
Eight Positions
VCC
SDO/TDO
SDI/TDI
ispEN/Enable/PROG
TRST
MODE/TMS
GND
SCLK/TCK
To
PC
To
System
Board
6'
GND
GND
VCC
GND
SCLK/TCK
MODE/TMS
SDI/TDI
SDO/TDO
TRST
End View1
25-pin
Parallel
Port
Adapter
RJ-45 Connector
Eight Positions
HW7265-DL2 – Blue Housing
HW7265-DL2A – Grey Housing
To
PC
To
System
Board
2
4
6
8
10
1
3
5
7
9
Function
Pin #
1
3
5
7
9
Pin #
Pin #
2
4
6
8
10
Pin #
SCKL/TCK
MODE/TMS
SDI/TDI
SDO/TDO
TRST
Function
Function
GND
GND
VCC
GND
ispEN/Enable/
PROG
Function
Overhead View of PC Board
ConnectorPinout
ispEN/Enable/
PROG


Similar Part No. - HW-USBN-2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW-UW-224INS ETC-HW-UW-224INS Datasheet
111Kb / 1P
   Insulated Wrap-Unwrap Tool - Data Sheet
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
More results

Similar Description - HW-USBN-2A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN136 SILABS-AN136 Datasheet
132Kb / 4P
   PRODUCTION PROGRAMMING OPTIONS FOR SILICON LABS DEVICES
logo
Lattice Semiconductor
TN1112 LATTICE-TN1112 Datasheet
471Kb / 6P
   Input Hysteresis in Lattice CPLD and FPGA Devices
logo
ATMEL Corporation
AT89C51RE2 ATMEL-AT89C51RE2_14 Datasheet
2Mb / 187P
   ISP (In-System Programming) Using Standard VCC Power Supply
logo
Satel
DB9F SATEL-DB9F Datasheet
45Kb / 2P
   CABLE SET FOR PROGRAMMING DEVICES WITH RS-232 PORT
logo
Microsemi Corporation
AGL1000V5-FG484I MICROSEMI-AGL1000V5-FG484I Datasheet
11Mb / 250P
   Low Power, High Capacity, Reprogrammable Flash Technology, In-System Programming (ISP) and Security
logo
PHOENIX CONTACT
2725147 PHOENIX-2725147 Datasheet
50Kb / 2P
   Fiber cutter for assembling polymer fiber cables for connecting INTERBUS Rugged Line devices
logo
Lattice Semiconductor
FPGA-DS-02074-3.1 LATTICE-FPGA-DS-02074-3.1 Datasheet
5Mb / 147P
   Lattice ECP3 Family Data Sheet
July 2021
logo
Exar Corporation
AN-206 EXAR-AN-206 Datasheet
188Kb / 8P
   EEPROM PROGRAMMING FOR PCIe UARTs
logo
Maxim Integrated Produc...
MAXQUSBJTAG-KIT MAXIM-MAXQUSBJTAG-KIT Datasheet
1Mb / 8P
   Programming Interface for MAXQ Microcontrollers
Rev 1; 11/10
logo
Renesas Technology Corp
E8A RENESAS-E8A Datasheet
141Kb / 12P
   On Board Programming for QzROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com