Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADS-011010-1415 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADS-011010-1415
Description  Schottky Limiter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADS-011010-1415 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADS-011010-1415 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADS-011010-1415 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADS-011010-1415 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADS-011010-1415 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADS-011010-1415 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Schottky Limiter
DC - 6 GHz
MADS-011010-14150T
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
North America Tel: 800.366.2266
Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
3
Typical Performance Curves
Insertion Loss vs. Frequency
Flat Leakage Power @ CW, 1 GHz
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
-5
0
5
10
15
20
25
-5
0
5
10
15
20
25
30
Output Power (dBm)
-40
-30
-20
-10
0
0
1
2
3
4
5
6
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0
1
2
3
4
5
6
+25°C
-40°C
+85°C
Frequency (GHz)
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MADS-011010-1415

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-011010-1415 MA-COM-MADS-011010-1415_15 Datasheet
962Kb / 5P
   Schottky Limiter
More results

Similar Description - MADS-011010-1415

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-011010-1415 MA-COM-MADS-011010-1415_15 Datasheet
962Kb / 5P
   Schottky Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
logo
Mini-Circuits
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
   Limiter
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
   Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
   Limiter
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
   Schottky Assisted Low Power PIN Diode Limiter
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822_15 Datasheet
448Kb / 6P
   Schottky Assisted Low Power PIN Diode Limiter
logo
DAICO Industries, Inc.
CLM06149 DAICO-CLM06149 Datasheet
22Kb / 1P
   Limiter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com