Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1C240000 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # SS1C240000
Description  OUTSIDE DIMENSION : UNIT ( mm )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

SS1C240000 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  SS1C240000 Datasheet HTML 1Page - COSMO  Electronics Corporation SS1C240000 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATION
DATE: 06/10/11'
NO. 50R06009
cosmo
ELECTRONICS CORPORATION
Reed Relay:
SS1C240000
SHEET 1 OF 2
REV.
2
1. OUTSIDE DIMENSION : UNIT ( mm )
2. SCHEMATIC : TOP VIEW
TOLERANCE : ±0.1mm
24.13
KUAN HSI
SS1C240000
5.08
2.54
10.16
0.5
7.0
7.0
0.4
3.0
0.25
2.54


Similar Part No. - SS1C240000

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SS1C220KC DBLECTRO-SS1C220KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C220KR DBLECTRO-SS1C220KR Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C220KT DBLECTRO-SS1C220KT Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C220LC DBLECTRO-SS1C220LC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SS1C220LR DBLECTRO-SS1C220LR Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results

Similar Description - SS1C240000

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
SS1C120000 COSMO-SS1C120000 Datasheet
124Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
MK-0150 COSMO-MK-0150 Datasheet
102Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C240001 COSMO-C2C240001 Datasheet
134Kb / 1P
   Outside Dimension : Unit(mm)
G1A090000 COSMO-G1A090000 Datasheet
115Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1C050000 COSMO-SS1C050000 Datasheet
124Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1A120099 COSMO-SS1A120099 Datasheet
370Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C050001 COSMO-C2C050001 Datasheet
136Kb / 1P
   OUTSIDE DIMENSION : UNIT ( mm )
P3-1A1500 COSMO-P3-1A1500 Datasheet
31Kb / 1P
   OUTSIDE DIMENSION : UNIT ( mm )
CG1A060000 COSMO-CG1A060000 Datasheet
71Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
SS1A050099 COSMO-SS1A050099 Datasheet
367Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
C2C120001 COSMO-C2C120001 Datasheet
134Kb / 1P
   Outside Dimension : Unit(mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com