Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516DA727XFA Datasheet(PDF) 10 Page - Elpida Memory

Part # MC-4516DA727XFA
Description  16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516DA727XFA Datasheet(HTML) 10 Page - Elpida Memory

Back Button MC-4516DA727XFA Datasheet HTML 6Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 7Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 8Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 9Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 10Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 11Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 12Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 13Page - Elpida Memory MC-4516DA727XFA Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet E0278N10 (Ver. 1.0)
10
MC-4516DA727XFA
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
04H
0
0
0
0
0
1
0
0
SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0AH
0
0
0
0
1
0
1
0
10 columns
5
Number of banks
01H
0
0
0
0
0
0
0
1
1 bank
6
Data width
48H
0
1
0
0
1
0
0
0
72 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
01H
0
0
0
0
0
0
0
1
LVTTL
9
CL = 3 Cycle time
-A75
75H
0
1
1
1
0
1
0
1
7.5 ns
10
CL = 3 Access time
-A75
54H
0
1
0
1
0
1
0
0
5.4 ns
11
DIMM configuration type
02H
0
0
0
0
0
0
1
0
ECC
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
08H
0
0
0
0
1
0
0
0
x8
14
Error checking SDRAM width
08H
0
0
0
0
1
0
0
0
x8
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
8FH
1
0
0
0
1
1
1
1
1, 2, 4, 8, F
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
06H
0
0
0
0
0
1
1
0
2, 3
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
SDRAM module attributes
1FH
0
0
0
1
1
1
1
1
Registered
22
SDRAM device attributes : General
0EH
0
0
0
0
1
1
1
0
23
CL = 2 Cycle time
-A75
0AH
0
0
0
0
1
0
1
0
10 ns
24
CL = 2 Access time
-A75
60H
0
1
1
0
0
0
0
0
6 ns
25-26
00H
0
0
0
0
0
0
0
0
27
tRP(MIN.)
-A75
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD(MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
29
tRCD(MIN.)
-A75
14H
0
0
0
1
0
1
0
0
20 ns
30
tRAS(MIN.)
-A75
2DH
0
0
1
0
1
1
0
1
45 ns
31
Module bank density
20H
0
0
1
0
0
0
0
0
128M bytes


Similar Part No. - MC-4516DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA727XFA-A75 ELPIDA-MC-4516DA727XFA-A75 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Similar Description - MC-4516DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com