Electronic Components Datasheet Search |
|
MC-4516CB647XFA-A75 Datasheet(PDF) 1 Page - Elpida Memory |
|
MC-4516CB647XFA-A75 Datasheet(HTML) 1 Page - Elpida Memory |
1 / 14 page The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for availability and additional information. MOS INTEGRATED CIRCUIT MC-4516CB647XFA 16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE DATA SHEET Document No. E0232N20 (Ver 2.0) Date Published June 2002 (K) Japan URL: http://www.elpida.com Elpida Memory, Inc. 2001-2002 Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd. Description The MC-4516CB647XFA is 16,777,216 words by 64 bits synchronous dynamic RAM module on which 8 pieces of 128M SDRAM: µPD45128841 are assembled. This module provides high density and large quantities of memory in a small space without utilizing the surface- mounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction. Features • 16,777,216 words by 64 bits organization • Clock frequency and access time from CLK Part number /CAS latency Clock frequency Access time from CLK (MAX.) (MAX.) MC-4516CB647XFA-A75 CL = 3 133 MHz 5.4 ns CL = 2 100 MHz 6.0 ns • Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge • Pulsed interface • Possible to assert random column address in every cycle • Quad internal banks controlled by BA0 and BA1 (Bank Select) • Programmable burst-length (1, 2, 4, 8 and full page) • Programmable wrap sequence (sequential / interleave) • Programmable /CAS latency (2, 3) • Automatic precharge and controlled precharge • CBR (Auto) refresh and self refresh • All DQs have 10 Ω ±10 % of series resistor • Single 3.3 V ± 0.3 V power supply • LVTTL compatible • 4,096 refresh cycles/64 ms • Burst termination by Burst Stop command and Precharge command • 168-pin dual in-line memory module (Pin pitch = 1.27 mm) • Unbuffered type • Serial PD |
Similar Part No. - MC-4516CB647XFA-A75 |
|
Similar Description - MC-4516CB647XFA-A75 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |