Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5425161BTT-75A Datasheet(PDF) 2 Page - Elpida Memory

Part # HM5425161BTT-75A
Description  256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword16-bit4-bank/8-Mword8-bit4-bank/ 16-Mword4-bit4-bank
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5425161BTT-75A Datasheet(HTML) 2 Page - Elpida Memory

  HM5425161BTT-75A Datasheet HTML 1Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 2Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 3Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 4Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 5Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 6Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 7Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 8Page - Elpida Memory HM5425161BTT-75A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
HM5425161B, HM5425801B, HM5425401B Series
Data Sheet E0086H20
2
• Programmable burst sequence
 Sequential
 Interleave
• Start addressing capability
 Even and Odd
• Programmable CAS latency: 2/2.5
• 8192 refresh cycles: 7.8 µs (64 ms/8192 cycles)
• 2 variations of refresh
 Auto refresh
 Self refresh
Ordering Information
Type No.
Frequency
CAS latency
Package
HM5425161BTT-75A*
1
HM5425161BTT-75B*
2
HM5425161BTT-10*
3
133 MHz
133 MHz
100 MHz
2.0
2.5
2.0
400-mill 66-pin plastic
TSOP II
HM5425801BTT-75A*
1
HM5425801BTT-75B*
2
HM5425801BTT-10*
3
133 MHz
133 MHz
100 MHz
2.0
2.5
2.0
HM5425401BTT-75A*
1
HM5425401BTT-75B*
2
HM5425401BTT-10*
3
133 MHz
133 MHz
100 MHz
2.0
2.5
2.0
Notes: 1. 143 MHz operation at
CAS latency = 2.5.
2. 100 MHz operation at
CAS latency = 2.0.
3. 125 MHz operation at
CAS latency = 2.5.


Similar Part No. - HM5425161BTT-75A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5425 HMSEMI-HM5425 Datasheet
874Kb / 13P
   LiFePO4 battery 2-CELL Protector
More results

Similar Description - HM5425161BTT-75A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
OKI electronic componet...
MD56V62160E OKI-MD56V62160E Datasheet
512Kb / 34P
   4-Bank 횞 1,048,576-Word 횞 16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com