Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CB647XFA Datasheet(PDF) 8 Page - Elpida Memory

Part # MC-4516CB647XFA
Description  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CB647XFA Datasheet(HTML) 8 Page - Elpida Memory

Back Button MC-4516CB647XFA Datasheet HTML 4Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 5Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 6Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 7Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 8Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 9Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 10Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 11Page - Elpida Memory MC-4516CB647XFA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet E0232N20 (Ver. 2.0)
8
MC-4516CB647XFA
Synchronous Characteristics
Parameter
Symbol
-A 75
Unit
Note
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
7.5
(133 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
5.4
ns
1
/CAS latency = 2
tAC2
6.0
ns
1
CLK high level width
tCH
2.5
ns
CLK low level width
tCL
2.5
ns
Data-out hold time
tOH
3.0
ns
1
Data-out low-impedance time
tLZ
0
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3.0
5.4
ns
/CAS latency = 2
tHZ2
3.0
6.0
ns
Data-in setup time
tDS
1.5
ns
Data-in hold time
tDH
0.8
ns
Address setup time
tAS
1.5
ns
Address hold time
tAH
0.8
ns
CKE setup time
tCKS
1.5
ns
CKE hold time
tCKH
0.8
ns
CKE setup time (Power down exit)
tCKSP
1.5
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMS
1.5
ns
DQMB0 - DQMB7) setup time
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMH
0.8
ns
DQMB0 - DQMB7) hold time
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.


Similar Part No. - MC-4516CB647XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CB647XF-A75 ELPIDA-MC-4516CB647XF-A75 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CB647XFA

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com