Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5257165B-A6 Datasheet(PDF) 10 Page - Elpida Memory

Part # HM5257165B-A6
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword16-bit4-bank/16-Mword8-bit4-bank /32-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5257165B-A6 Datasheet(HTML) 10 Page - Elpida Memory

Back Button HM5257165B-A6 Datasheet HTML 6Page - Elpida Memory HM5257165B-A6 Datasheet HTML 7Page - Elpida Memory HM5257165B-A6 Datasheet HTML 8Page - Elpida Memory HM5257165B-A6 Datasheet HTML 9Page - Elpida Memory HM5257165B-A6 Datasheet HTML 10Page - Elpida Memory HM5257165B-A6 Datasheet HTML 11Page - Elpida Memory HM5257165B-A6 Datasheet HTML 12Page - Elpida Memory HM5257165B-A6 Datasheet HTML 13Page - Elpida Memory HM5257165B-A6 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
HM5257165B/HM5257805B/HM5257405B-75/A6
Data Sheet E0081H10
10
V
SS and VSSQ (power supply pins): Ground is connected. (VSS is for the internal circuit and VSSQ is for the
output buffer.)
Command Operation
Command Truth Table
The SDRAM recognizes the following commands specified by the
CS, RAS, CAS, WE and address pins.
CKE
Command
Symbol
n - 1 n
CS RAS
CAS WE BA0/BA1 A10
A0
to A12
Ignore command
DESL
H
×
H
××
×
×
×
×
No operation
NOP
H
×
LH
H
H
××
×
Column address and read command READ
H
×
LH
L
H
V
L
V
Read with auto-precharge
READ A
H
×
LH
L
H
V
H
V
Column address and write command WRIT
H
×
LH
L
L
V
L
V
Write with auto-precharge
WRIT A
H
×
LH
L
L
V
H
V
Row address strobe and bank active ACTV
H
×
LL
H
H
V
V
V
Precharge select bank
PRE
H
×
LL
H
L
V
L
×
Precharge all bank
PALL
H
×
LL
H
L
×
H
×
Refresh
REF/SELF H
V
L
L
L
H
××
×
Mode register set
MRS
H
×
LL
L
L
V
V
V
Note:
H: V
IH.
L: V
IL. ×: VIH or VIL.
V: Valid address input
Ignore command [DESL]: When this command is set (
CS is High), the SDRAM ignore command input at
the clock. However, the internal status is held.
No operation [NOP]: This command is not an execution command. However, the internal operations
continue.
Column address strobe and read command [READ]: This command starts a read operation. In addition,
the start address of burst read is determined by the column address (AY0 to AY9; HM5257165B, AY0 to
AY9, AY11; HM5257805B, AY0 to AY9, AY11, AY12; HM5257405B) and the bank select address (BS).
After the read operation, the output buffer becomes High-Z.
Read with auto-precharge [READ A]: This command automatically performs a precharge operation after a
burst read with a burst length of 1, 2, 4 or 8.


Similar Part No. - HM5257165B-A6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5257 HMSEMI-HM5257 Datasheet
348Kb / 3P
   Apple iPhone6S data line IC
More results

Similar Description - HM5257165B-A6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com